Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRF962 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF962
Description  NPN SILICON RF TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF962 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF962 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 1.0 mA
15
V
BVCBO
IC = 100
µA
20
V
BVEBO
IE = 100
µA
3.0
V
ICBO
VCB = 10 V
100
nA
hFE
VCE = 10 V
IC = 50 mA
30
200
---
CCB
VCB = 10 V
f = 1.0 MHz
1.2
1.5
pF
ft
VCE = 10 V
IC = 50 mA
f = 0.5 GHz
4.5
GHz
NF
VCE = 10 V
IC = 10 mA
f = 0.5 GHz
2.0
dB
NPN SILICON RF TRANSISTOR
MRF962
DESCRIPTION:
The
ASI MRF962 is designed for
Low-to-medium power amplifier
applications, requiring high gain, low
noise figure, and low intermodulation
distortion.
FEATURES:
• NF = 2.0 dB
• Omnigold™ Metalization System
• Hermetic stripline, ceramic package
MAXIMUM RATINGS
IC
100 mA
VCB
20 V
PDISS
.75 W @ TC = 100 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
133 °C/W
PACKAGE STYLE
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.44
5.21
0.175
0.205
C
1.90
2.54
0.075
0.100
D
0.84
0.99
0.033
0.039
F
0.20
0.30
0.008
0.012
G
0.76
1.14
0.030
0.045
K
7.24
8.13
0.285
0.320
L
10.54
11.43
0.415
0.450
N
--
1.65
--
0.065
1 = COLLECTOR
2 = EMITTER
3 = BASE


Similar Part No. - MRF962

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF962 ASI-MRF962 Datasheet
51Kb / 1P
NPN SILICON RF TRANSISTOR
MRF962 ASI-MRF962_07 Datasheet
51Kb / 1P
NPN SILICON RF TRANSISTOR
More results

Similar Description - MRF962

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com