Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2653 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2653
Description  1.5A High Efficiency Synchronous Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2653 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2653 Datasheet HTML 1Page - National Semiconductor (TI) LM2653 Datasheet HTML 2Page - National Semiconductor (TI) LM2653 Datasheet HTML 3Page - National Semiconductor (TI) LM2653 Datasheet HTML 4Page - National Semiconductor (TI) LM2653 Datasheet HTML 5Page - National Semiconductor (TI) LM2653 Datasheet HTML 6Page - National Semiconductor (TI) LM2653 Datasheet HTML 7Page - National Semiconductor (TI) LM2653 Datasheet HTML 8Page - National Semiconductor (TI) LM2653 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
15V
PGOOD Pin Voltage
15V
Feedback Pin Voltage
−0.4V
≤ V
FB ≤ 5V
Power Dissipation (T
A =25˚C),
(Note 2)
893 mW
Junction Temperature
Range
−40˚C
≤ T
J ≤ +125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
M Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Maximum Junction Temperature
150˚C
ESD Susceptibility
Human Body Model (Note 3)
1 kV
Operating Ratings (Note 1)
Supply Voltage
4V
≤ V
IN ≤ 14V
Electrical Characteristics
Specifications with standard typeface are for T
J = 25˚C, and those in boldface type apply over full Operating Temperature
Range.V
IN = 10V unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 5)
Limit
(Note 4)
Units
V
FB
Feedback Voltage
I
LOAD = 900 mA
1.238
1.200
1.263
V
V(min)
V(max)
V
OUT
Output Voltage Line
Regulation
V
IN = 4Vto12V
I
LOAD = 900 mA
0.2
%
Output Voltage Load
Regulation
I
LOAD = 10 mA to 1.5A
V
IN =5V
1.3
%
Output Voltage Load
Regulation
I
LOAD = 200 mA to 1.5A
V
IN =5V
0.3
%
V
INUV
V
IN Undervoltage Lockout
Threshold Voltage
Rising Edge
3.8
3.95
V
V(max)
V
UV_HYST
Hysteresis for the Input
Undervoltage Lockout
210
mV
I
CL
Switch Current Limit
V
IN =5V
V
OUT = 2.5V
2.0
1.55
2.60
A
A(min)
A(max)
I
SM
Sleep Mode Threshold
Current
V
IN = 5V, VOUT = 2.5V
100
mA
V
HYST
Sleep Mode Feedback
Voltage Hysteresis
24
mV
I
Q
Quiescent Current
1.7
2.0
mA
mA(max)
I
QSD
Quiescent Current in
Shutdown Mode
Shutdown Pin Pulled Low
7
12/20
µA
µA(max)
R
DS(ON)
High-Side or Low-Side
MOSFET ON Resistance
I
SWITCH =1A
75
130
m
Ω
m
Ω (max)
R
SW(ON)
High-Side or Low-Side
Switch On Resistance
(MOSFET ON Resistance +
Bonding Wire Resitstance)
I
SWITCH = 1A
110
m
Ω
I
L
Switch Leakage
Current — High Side
130
nA
Switch Leakge
Current — Low Side
130
nA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com