Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5301GDWR32 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5301GDWR32
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301GDWR32 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5301GDWR32 Datasheet HTML 3Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 4Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 5Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 6Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 7Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 8Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 9Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 10Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CS5301
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8.0 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RROSC = 53.6 k, CCOMP = 0.1 µF, CREF = 0.1 µF, DAC Code 10000, CVCC = 1.0 µF, ILIM ≥ 1.0 V;
unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Oscillator
Switching Frequency
Measure any phase (RROSC = 32.4 k)
Note 4.
300
400
500
kHz
Switching Frequency
Measure any phase (RROSC = 53.6 k)
220
250
280
kHz
Switching Frequency
Measure any phase (RROSC = 16.2 k)
Note 4.
600
800
1000
kHz
ROSC Voltage
1.00
V
Phase Delay
105
120
135
deg
Adaptive Voltage Positioning
VDRP Output Voltage to DACOUT Offset
CS1 = CS2 = CS3 = CSREF,
VFB = COMP,
Measure VDRP– COMP
–15
15
mV
Maximum VDRP Voltage
|(CS1 = CS2 = CS3) = CSREF| =
50 mV, VFB = COMP,
|Measure VDRP– COMP|
360
465
570
mV
Current Sense Amp to VDRP Gain
2.7
3.1
3.5
V/V
Current Sensing and Sharing
CSREF Input Bias Current
0.6
2.0
µA
CS1–CS3 Input Bias Current
V(CSx) = V(CSREF) = 0 V
0.2
2.0
µA
Current Sense Amplifiers Gain
3.7
4.2
4.7
V/V
Current Sense Amp Mismatch
0 V
≤ (CSx–CSREF) ≤ 50 mV
–5.0
5.0
mV
Current Sense Amplifiers Input
Common Mode Range Limit
Note 4.
0
VCCL – 2.0
V
Current Sense Input to ILIM Gain
0.25 V < ILIM < 1.20 V
5.0
6.5
8.0
V/V
Current Limit Filter Slew Rate
Note 4.
4.0
10
26
mV/
µs
ILIM Bias Current
0 V < ILIM < 1.0 V
0.1
1.0
µA
Single Phase Pulse by Pulse Current
Limit: V(CSx) – V(CSREF)
75
90
115
mV
Current Sense Amplifier Bandwidth
Note 4.
1.0
MHz
Reference Output
VREF Output Voltage
0 mA < I(VREF) < 1.0 mA
3.15
3.25
3.35
V
4. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com