Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC14428 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14428
Description  Baseband Processor for FP & PP DECT and WDCT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14428 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SC14428 Datasheet HTML 1Page - National Semiconductor (TI) SC14428 Datasheet HTML 2Page - National Semiconductor (TI) SC14428 Datasheet HTML 3Page - National Semiconductor (TI) SC14428 Datasheet HTML 4Page - National Semiconductor (TI) SC14428 Datasheet HTML 5Page - National Semiconductor (TI) SC14428 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2004 National Semiconductor Corporation
www.national.com
ADVANCED INFORMATION
March 2004
SC14428
Baseband Processor for FP & PP DECT and WDCT
1.0 General description
.The SC14428 is a CMOS IC optimized to handle all the
audio, signal and data processing needed within a DECT
(1.9 GHz) or 2.4GHz ISM digital band base stations and
handsets.
A four channel ADPCM transcoder, a very low power 16 bit
Codec and Analog Frontend are integrated. Direct connec-
tions towards PSTN or ISDN line interface are possible.
The SC14428 has a programmable Generic DSP opti-
mized for telecom applications.
The SC14428 is designed to fit to any radio interface. A
dedicated TDMA controller handles all physical layer slot
formats and radio control.
National
Semiconductor’s
standard
CompactRISCTM
CR16C microprocessor takes care of all the higher protocol
stack.
2.0 Features
Complies with DECT ETS 300 175-2,3 & 8 SWAP-CA
V1.3 Rev 1.3 20000616
1.8Volt operating voltage with 2.65V (typ) IO pads.
Two chip low drop voltage regulators
16 bit CompactRISCTM CR16C Microprocessor with
programmable clock speeds up to 20.736 MHz.
Four channel DMA controller.
Serial Debug interface, Nexus Class-1 compliant.
16kbyte shared, 6kbyte non shared RAM
4kbyte shared RAM for TAM DSP
Versions with ROM, FLASH and data FLASH
Programmable 16 bits system bus interface with bus
master and slave operation.
User programmable GENeric DSP with fixed telecom
processing routines.
Four full duplex 32 kbits/sec ADPCM transcoder.
On-chip Dedicated Instruction Processor (DiP) for all
TDMA based events, which supports DCT 1.152MHz,
0.576MHz and 0.288MHz data rates.
ISM band and DECT with 9.216, 10.368 and 13.824 MHz
xtals.
Protected and unprotected full and double slot B-fields
Flexible 1.152 Mbit/sec three wire interface to radio front
synthesizer.
One 16-bit linear CODEC
Selectable Fast Antenna Diversity operation or RSSI
measurement with peak hold ADC.
Three input general purpose 8 bit ADC
Two general purpose timers and watch dog timer.
Two Capture timers for frequency measurement for e.g.
metering, ringing and call progress tone detection.
Three general purpose I/O ports with two edge/level pro-
grammable interrupts
Full duplex UART and MICROWIRETM interface.
SPITM interface (Master/Slave).
Flexible 8 kHz synchronous Serial interface to external
codecs and ISDN interface circuits.
Three programmable chip selects
Integrated opamp for caller-id
(80 pin PFQP and 80,)128,160 pins TQFP packages.
3.0 System Diagram
CompactRISCTM is a trademark of National Semiconductor Corporation
SC14428
ISDN OR
DATA
INTERFACE
PSTN
INTERFACE
PSTN
INTERFACE
SC14428
CID
HANDSFREE
ISDN
PSTN1
PSTN2
SC14428
SC14428
SC14428
SC14428


Similar Part No. - SC14428

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14422 NSC-SC14422 Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
SC14422RVJG NSC-SC14422RVJG Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
SC14422VJG NSC-SC14422VJG Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14425XVJG NSC-SC14425XVJG Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
More results

Similar Description - SC14428

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14422 NSC-SC14422 Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
logo
NXP Semiconductors
PCD5090 PHILIPS-PCD5090 Datasheet
95Kb / 16P
DECT baseband controllers
1996 Oct 17
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
DECT baseband controller
1997 Nov 19
logo
National Semiconductor ...
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
Complete Baseband Processor for DECT Handsets
SC14405 NSC-SC14405 Datasheet
118Kb / 5P
Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com