Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL600USB-B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL600USB-B Datasheet HTML 1Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 2Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 3Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 4Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 5Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 6Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 7Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 8Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
1
FEATURES
Low-cost solution forlow-speed USB mouse
8-bit micro-controller
− Operation Speed: DC to 6MHz clock input
− Performance: 3 MIPS @ 6MHz
− Single cycle instruction execution
− RISC-like architecture
− USB optimized instruction set
USB Specification Compliance
− Conforms to USB 1.5Mbps Specification, Version 1.1
− Conforms to USB HID Class Specification, Version 1.1
− Supports 1 device address and 2 endpoints (include endpoint 0)
I/O ports
− Up to 13(GL600USB)/11(GL600USB-A)/9(GL600USB-B) general purpose I/O pins (OTP type is
less a GPIO pin than mask type)
− Internal RC clock to wakeup periodically (about 500ms) when suspend
− Up to 8(GL600USB)/6(GL600USB-A)/4(GL600USB-B) special purpose I/O pins optimized for
photo-sensor (Internal build in 4 bits ADC)
− Up to 2 I/O pins with large current drive capability to drive LED (Sink current up to 16 mA)
Internal memory
− 64 bytes of RAM (special purpose register is not included)
− 1.75K x 14 of program ROM
Integrated USB transceiver
Patented full-range detection for photo-sensor
− Removes the expensive process of matching LED and photo-sensor
On-chip 3.3v output
− No external regulator required
Improved output drivers with slew-rate control to reduce EMI
6 MHz external clock
Internal power-on reset(POR)
Internal power-fail detector
Supports suspend/normal mode power management
− Suspend current lower than 400µA for whole mouse system (mask type)
8-bits free-running timer
Available in cost saving 20-pin(GL600USB) PDIP, 18-pin(GL600USB-A) PDIP and 16-
pin(GL600USB-B) PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com