Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2677 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2677
Description  SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2677 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2677 Datasheet HTML 4Page - National Semiconductor (TI) LM2677 Datasheet HTML 5Page - National Semiconductor (TI) LM2677 Datasheet HTML 6Page - National Semiconductor (TI) LM2677 Datasheet HTML 7Page - National Semiconductor (TI) LM2677 Datasheet HTML 8Page - National Semiconductor (TI) LM2677 Datasheet HTML 9Page - National Semiconductor (TI) LM2677 Datasheet HTML 10Page - National Semiconductor (TI) LM2677 Datasheet HTML 11Page - National Semiconductor (TI) LM2677 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Typical Performance Characteristics (Continued)
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD =5A
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
Ω
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
Ω
10130117
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 2 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
10130118
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs//iv
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT =5V
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
Ω
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V,
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
Ω
10130119
A: Output Voltage, 100 mV//div, AC-Coupled.
B: Load Current: 500 mA to 5A Load Pulse
Horizontal Time Base: 100 µs/div
10130120
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 200 mA to 5A Load Pulse
Horizontal Time Base: 200 µs/div
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com