Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS28E17 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS28E17
Description  Low Power Consumption
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E17 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS28E17 Datasheet HTML 4Page - Maxim Integrated Products DS28E17 Datasheet HTML 5Page - Maxim Integrated Products DS28E17 Datasheet HTML 6Page - Maxim Integrated Products DS28E17 Datasheet HTML 7Page - Maxim Integrated Products DS28E17 Datasheet HTML 8Page - Maxim Integrated Products DS28E17 Datasheet HTML 9Page - Maxim Integrated Products DS28E17 Datasheet HTML 10Page - Maxim Integrated Products DS28E17 Datasheet HTML 11Page - Maxim Integrated Products DS28E17 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
64-Bit ROM ID
Each DS28E17 contains a unique ROM ID that is 64 bits
long. The first 8 bits are a 1-Wire family code. The next
48 bits are a unique serial number. The last 8 bits are a
cyclic redundancy check (CRC) of the first 56 bits. See
Figure 2 for details. The 1-Wire CRC is generated using
a polynomial generator consisting of a shift register and
XOR gates as shown in Figure 3. The polynomial is X8 +
X5 + X4 + 1. Additional information about the 1-Wire CRC
is available in Application Note 27: Understanding and
Using Cyclic Redundancy Checks with Maxim iButton®
Products.
The shift register bits are initialized to 0. Then, starting
with the least significant bit of the family code, one bit at
a time is shifted in. After the 8th bit of the family code has
been entered, the serial number is entered. After the last
bit of the serial number has been entered, the shift reg-
ister contains the CRC value. Shifting in the 8 bits of the
CRC returns the shift register to all 0s.
1-Wire Bus System
The 1-Wire bus is a system that has a single bus master
and one or more slaves. In all instances the DS28E17 is
a slave device. The bus master is typically a microcon-
troller. The discussion of this bus system is broken down
into three topics: hardware configuration, transaction
sequence, and 1-Wire signaling (signal types and timing).
The 1-Wire protocol defines bus transactions in terms of
the bus state during specific time slots, which are initiated
on the falling edge of sync pulses from the bus master.
Hardware Configuration
The 1-Wire bus has only a single line by definition; it is
important that each device on the bus be able to drive
it at the appropriate time. To facilitate this, each device
attached to the 1-Wire bus must have open-drain or
three-state outputs. The 1-Wire port (i.e., IO pin) of the
DS28E17 is open drain or an input to read data.
iButton is a registered trademark of Maxim Integrated Products, Inc.
Figure 2. 64-Bit ROM ID
Figure 3. 1-Wire CRC Generator
DS28E17
1-Wire-to-I2C Master Bridge
www.maximintegrated.com
Maxim Integrated │ 8
MSb
8-BIT
CRC CODE
48-BIT SERIAL NUMBER
MSb
LSb MSb
LSb
LSb
8-BIT FAMILY CODE
(19h)
MSb
LSb
1ST
STAGE
2ND
STAGE
3RD
STAGE
4TH
STAGE
7TH
STAGE
8TH
STAGE
6TH
STAGE
5TH
STAGE
X0
X1
X2
X3
X4
POLYNOMIAL = X8 + X5 + X4 + 1
INPUT DATA
X5
X6
X7
X8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com