Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M95M02-DR Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 29Page - STMicroelectronics M95M02-DR Datasheet HTML 30Page - STMicroelectronics M95M02-DR Datasheet HTML 31Page - STMicroelectronics M95M02-DR Datasheet HTML 32Page - STMicroelectronics M95M02-DR Datasheet HTML 33Page - STMicroelectronics M95M02-DR Datasheet HTML 34Page - STMicroelectronics M95M02-DR Datasheet HTML 35Page - STMicroelectronics M95M02-DR Datasheet HTML 36Page - STMicroelectronics M95M02-DR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DocID18203 Rev 10
33/45
M95M02-DR
DC and AC parameters
36
Table 11. Cycling performance by groups of four bytes
Symbol
Parameter
Test conditions
Min.
Max.
Unit
Ncycle
Write cycle endurance(1)
1. The Write cycle endurance is defined for groups of four data bytes located at addresses [4*N, 4*N+1,
4*N+2, 4*N+3] where N is an integer. The Write cycle endurance is defined by characterization and
qualification.
TA ≤ 25 °C,
VCC(min) < VCC < VCC(max)
-
4,000,000
Write cycle(2)
2. A Write cycle is executed when either a Page Write, a Byte Write, a WRSR, a WRID or an LID instruction is
decoded. When using the Byte Write, the Page Write or the WRID instruction, refer also to Section 6.6.1:
Cycling with Error Correction Code (ECC).
TA = 85 °C,
VCC(min) < VCC < VCC(max)
-
1,200,000
Table 12. Memory cell data retention
Parameter
Test conditions
Min.
Unit
Data retention(1)
1. The data retention behavior is checked in production, while the 200-year limit is defined from
characterization and qualification results.
TA = 55 °C
200
Year
Table 13. Capacitance
Symbol
Parameter
Test conditions(1)
1. Sampled only, not 100% tested, at TA = 25 °C and a frequency of 5 MHz.
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN
Input capacitance (D)
VIN = 0 V
-
8
pF
Input capacitance (other pins)
VIN = 0 V
-
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com