Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 17Page - Texas Instruments TMS320F2811 Datasheet HTML 18Page - Texas Instruments TMS320F2811 Datasheet HTML 19Page - Texas Instruments TMS320F2811 Datasheet HTML 20Page - Texas Instruments TMS320F2811 Datasheet HTML 21Page - Texas Instruments TMS320F2811 Datasheet HTML 22Page - Texas Instruments TMS320F2811 Datasheet HTML 23Page - Texas Instruments TMS320F2811 Datasheet HTML 24Page - Texas Instruments TMS320F2811 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 162 page
background image
Introduction
21
April 2001 − Revised December 2004
SPRS174L
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
XINTF SIGNALS (2812 ONLY) (CONTINUED)
XREADY
B6
161
−
I
PU
Ready Signal. Indicates peripheral is ready to complete the
access when asserted to 1. XREADY can be configured to be
a synchronous or an asynchronous input. See the timing
diagrams for more details.
JTAG AND MISCELLANEOUS SIGNALS
X1/XCLKIN
K9
77
58
I
Oscillator Input − input to the internal oscillator. This pin is also
used to feed an external clock. The 28x can be operated with
an external clock source, provided that the proper voltage
levels be driven on the X1/XCLKIN pin. It should be noted that
the X1/XCLKIN pin is referenced to the 1.8-V (or 1.9-V) core
digital power supply (VDD), rather than the 3.3-V I/O supply
(VDDIO). A clamping diode may be used to clamp a buffered
clock signal to ensure that the logic-high level does not
exceed VDD (1.8 V or 1.9 V) or a 1.8-V oscillator may be used.
X2
M9
76
57
O
Oscillator Output
XCLKOUT
F11
119
87
O
−
Output clock derived from SYSCLKOUT to be used for
external wait-state generation and as a general-purpose clock
source. XCLKOUT is either the same frequency, 1/2 the
frequency, or 1/4 the frequency of SYSCLKOUT. At reset,
XCLKOUT = SYSCLKOUT/4. The XCLKOUT signal can be
turned off by setting bit 3 (CLKOFF) of the XINTCNF2 register
to 1. Unlike other GPIO pins, the XCLKOUT pin is not placed
in a high impedance state during reset.
TESTSEL
A13
134
97
I
PD
Test Pin. Reserved for TI. Must be connected to ground.
XRS
D6
160
113
I/O
PU
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to terminate execution.
The PC will point to the address contained at the location
0x3FFFC0. When XRS is brought to a high level, execution
begins at the location pointed to by the PC. This pin is driven
low by the DSP when a watchdog reset occurs. During
watchdog reset, the XRS pin will be driven low for the
watchdog reset duration of 512 XCLKIN cycles.
The output buffer of this pin is an open-drain with an internal
pullup (100
µA, typical). It is recommended that this pin be
driven by an open-drain device.
TEST1
M7
67
51
I/O
−
Test Pin. Reserved for TI. On F281x devices, TEST1 must be
left unconnected. On C281x devices, this pin is a “no connect
(NC)” (i.e., this pin is not connected to any circuitry internal
to the device).
TEST2
N7
66
50
I/O
−
Test Pin. Reserved for TI. On F281x devices, TEST2 must be
left unconnected. On C281x devices, this pin is a “no connect
(NC)” (i.e., this pin is not connected to any circuitry internal
to the device).
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com