Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MS5535C Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MS5535C
Description  Piezoresistive silicon micromachined sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5535C Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MS5535C Datasheet HTML 1Page - TE Connectivity Ltd MS5535C Datasheet HTML 2Page - TE Connectivity Ltd MS5535C Datasheet HTML 3Page - TE Connectivity Ltd MS5535C Datasheet HTML 4Page - TE Connectivity Ltd MS5535C Datasheet HTML 5Page - TE Connectivity Ltd MS5535C Datasheet HTML 6Page - TE Connectivity Ltd MS5535C Datasheet HTML 7Page - TE Connectivity Ltd MS5535C Datasheet HTML 8Page - TE Connectivity Ltd MS5535C Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MS5535C
14 bar Pressure Sensor Module
SENSOR SOLUTIONS ///MS5535C
09/2015
Page 2
FEATURES
Supply voltage 2.2 V to 3.6 V
Low supply current
-40°C to +125°C operation temperature
No external components required
16 Bit ADC resolution pressure measurement
and control systems
APPLICATIONS
Mobile water depth measurement systems
Diving computers and divers watches
BLOCK DIAGRAM
VDD
GND
MCLK
SCLK
DOUT
DIN
Input MUX
ADC
Digital
Interface
Memory
(PROM)
64 bits
SENSOR
SGND
+IN
-IN
dig.
Filter
Sensor
Interface IC
Fig. 1: Block diagram MS5535C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com