Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4522-2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4522-2
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4522-2 Datasheet HTML 17Page - Analog Devices ADA4522-2 Datasheet HTML 18Page - Analog Devices ADA4522-2 Datasheet HTML 19Page - Analog Devices ADA4522-2 Datasheet HTML 20Page - Analog Devices ADA4522-2 Datasheet HTML 21Page - Analog Devices ADA4522-2 Datasheet HTML 22Page - Analog Devices ADA4522-2 Datasheet HTML 23Page - Analog Devices ADA4522-2 Datasheet HTML 24Page - Analog Devices ADA4522-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
ADA4522-2/ADA4522-4
Rev. B | Page 21 of 30
THERMAL SHUTDOWN
The ADA4522-2/ADA4522-4 have internal thermal shutdown
circuitry for each channel of the amplifier. The thermal shutdown
circuitry prevents internal devices from being damaged by an
overheat condition in the die. Overheating can occur due to a
high ambient temperature, a high supply voltage, and/or high
output currents. As specified in Table 5, take care to maintain
the junction temperature below 150°C.
Two conditions affect junction temperature (TJ): the total power
dissipation of the device (PD) and the ambient temperature
surrounding the package (TA). Use the following equation to
estimate the approximate junction temperature:
TJ = PD × θJA + TA
(1)
where θJA is the thermal resistance between the die and the
ambient environment, as shown in Table 6.
The total power dissipation is the sum of quiescent power of the
device and the power required to drive a load for all channels of
an amplifier. The power dissipation per amplifier (PD_PER_AMP)
for sourcing a load is shown in Equation 2.
PD_PER_AMP = (VSY+ − VSY−) × ISY_PER_AMP + IOUT × (VSY+ − VOUT) (2)
When sinking current, replace (VSY+ − VOUT) in Equation 2 with
(VOUT − VSY−).
Also, take note to include the power dissipation of all channels
of the amplifier when calculating the total power dissipation for
the ADA4522-2/ADA4522-4.
The thermal shutdown circuitry does not guarantee that the device
is to be free of permanent damage if the junction temperature
exceeds 150°C. However, the internal thermal shutdown function
may help avoid permanent damage or reduce the degree of damage.
Each amplifier channel has thermal shutdown circuitry, composed
of a temperature sensor with hysteresis.
As soon as the junction temperature reaches 190°C, the thermal
shutdown circuitry shuts down the amplifier. Note that either
one of the two thermal shutdown circuitries are activated; this
activation disables the channel. When the amplifier is disabled, the
output becomes open state and the quiescent current of the channel
decreases to 0.1 mA. When the junction temperature cools down to
160°C, the thermal shutdown circuitry enables the amplifier and
the quiescent current increases to its typical value.
When overheating in the die is caused by an undesirable excess
amount of output current, the thermal shutdown circuit repeats
its function. The junction temperature keeps increasing until it
reaches 190°C and one of the channels is disabled. Then, the
junction temperature cools down until it reaches 160°C, and
the channel is enabled again. The process then repeats.
INPUT PROTECTION
When either input of the ADA4522-2/ADA4522-4 exceeds
one of the supply rails by more than 300 mV, the ESD diodes
mentioned in the On-Chip Input EMI Filter and Clamp Circuit
section become forward-biased and large amounts of current
begin to flow through them. Without current limiting, this
excessive fault current causes permanent damage to the device.
If the inputs are expected to be subject to overvoltage conditions,
insert a resistor in series with each input to limit the input current
to ±10 mA maximum. However, consider the resistor thermal
noise effect on the entire circuit.
At ±15 V supply voltage, the broadband voltage noise of the
ADA4522-2/ADA4522-4 is approximately 7.3 nV/√Hz (at unity
gain), and a 1 kΩ resistor has thermal noise of 4 nV/√Hz. Adding
a 1 kΩ resistor increases the total noise to 8.3 nV/√Hz.
SINGLE-SUPPLY AND RAIL-TO-RAIL OUTPUT
The ADA4522-2/ADA4522-4 are single-supply amplifiers,
where their input voltage range includes the lower supply rail.
This feature is ideal for applications where the input common-
mode voltage is at the lower supply rail, for example, ground
sensing. On the other hand, the amplifier output is rail to rail.
Figure 72 shows the input and output waveforms of the
ADA4522-2/ADA4522-4 configured as a unity-gain buffer with
a supply voltage of ±15 V. With an input voltage of ±15 V, the
low output voltage tracks the input voltage, whereas the high
output swing clamps/distorts when the input goes out of the
input voltage range (−15 V ≤ IVR ≤ +13.5 V). However, the
device does not exhibit phase reversal.
20
10
0
–10
–20
15
5
–5
–15
20
10
0
–10
–20
15
5
–5
–15
TIME (400s/DIV)
VSY = ±15V
AV = 1
VIN
VOUT
Figure 72. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com