Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM8AL313X Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 78Page - STMicroelectronics STM8AL313X Datasheet HTML 79Page - STMicroelectronics STM8AL313X Datasheet HTML 80Page - STMicroelectronics STM8AL313X Datasheet HTML 81Page - STMicroelectronics STM8AL313X Datasheet HTML 82Page - STMicroelectronics STM8AL313X Datasheet HTML 83Page - STMicroelectronics STM8AL313X Datasheet HTML 84Page - STMicroelectronics STM8AL313X Datasheet HTML 85Page - STMicroelectronics STM8AL313X Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
82/124
DocID18474 Rev 7
9.3.7
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Table 41. I/O static characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
VIL
Input low level voltage
Input voltage on all pins
VSS-0.3
-
0.3 x VDD
V
VIH
Input high level voltage
Input voltage on true open-
drain pins (PC0 and PC1)
with VDD < 2 V
0.70 x VDD
-
5.2(2)
Input voltage on true open-
drain pins (PC0 and PC1)
with VDD ≥ 2 V
-
5.5(2)
Input voltage on five-volt
tolerant (FT) pins (PA7 and
PE0)
with VDD < 2 V
0.70 x VDD
-
5.2(2)
Input voltage on five-volt
tolerant (FT) pins (PA7 and
PE0)
with VDD ≥ 2 V
-
5.5(2)
Input voltage on 3.6 V tolerant
(TT) pins
-
3.6(2)
Input voltage on any other pin
0.70 x VDD
-
VDD+0.3(2)
Vhys
Schmitt trigger voltage
hysteresis (3)
I/Os
-
200
-
mV
True open drain I/Os
-
200
-
Ilkg
Input leakage current (4)
VSSVINVDD
High sink I/Os
--
50
nA
VSSVINVDD
True open drain I/Os
-
-
200
VSSVINVDD
PA0 with high sink LED driver
capability
-
-
200
RPU
Weak pull-up equivalent
resistor(5)
VIN=VSS
30(6)
45
60(6)
k
Ω
CIO
I/O pin capacitance
-
-
5
-
pF
1. VDD = 3.0 V, TA = -40 to 125 °C unless otherwise specified.
2. If VIH maximum cannot be respected, the injection current must be limited externally to IINJ(PIN) maximum.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The max. value may be exceeded if negative current is injected on adjacent pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com