Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM8AL3136 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 12Page - STMicroelectronics STM8AL3136 Datasheet HTML 13Page - STMicroelectronics STM8AL3136 Datasheet HTML 14Page - STMicroelectronics STM8AL3136 Datasheet HTML 15Page - STMicroelectronics STM8AL3136 Datasheet HTML 16Page - STMicroelectronics STM8AL3136 Datasheet HTML 17Page - STMicroelectronics STM8AL3136 Datasheet HTML 18Page - STMicroelectronics STM8AL3136 Datasheet HTML 19Page - STMicroelectronics STM8AL3136 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
Functional overview
STM8AL313x/4x/6x STM8AL3L4x/6x
16/124
DocID18474 Rev 7
3.3
Reset and supply management
3.3.1
Power supply scheme
The STM8AL313x/4x/6x and STM8AL3L4x/6x require a 1.65 V to 3.6 V operating supply
voltage (VDD). The external power supply pins must be connected as follows:
VSS1; VDD1 = 1.8 to 3.6 V, down to 1.65 V at power down: external power supply for
I/Os and for the internal regulator. Provided externally through VDD1 pins, the
corresponding ground pin is VSS1.
VSSA; VDDA = 1.8 V to 3.6 V, down to 1.65 V at power down: external power supplies for
analog peripherals (minimum voltage to be applied to VDDA is 1.8 V when the ADC1 is
used). VDDA and VSSA must be connected to VDD1 and VSS1, respectively.
VSS2; VDD2 = 1.8 V to 3.6 V, down to 1.65 V at power down: external power supplies for
I/Os. VDD2 and VSS2 must be connected to VDD1 and VSS1, respectively.
VREF+; VREF- (for ADC1): external reference voltage for ADC1. Must be provided
externally through VREF+ and VREF- pin.
VREF+ (for DAC): external voltage reference for DAC must be provided externally
through VREF+.
3.3.2
Power supply supervisor
The STM8AL313x/4x/6x and STM8AL3L4x/6x have an integrated ZEROPOWER power-on
reset (POR)/power-down reset (PDR), coupled with a brownout reset (BOR) circuitry. At
power-on, BOR is always active, and ensures proper operation starting from 1.8 V. After the
1.8 V BOR threshold is reached, the option byte loading process starts, either to confirm or
modify default thresholds, or to disable BOR permanently (in which case, the VDD min value
at power down is 1.65 V).
Five BOR thresholds are available through option bytes, starting from 1.8 V to 3 V. To
reduce the power consumption in Halt mode, it is possible to automatically switch off the
internal reference voltage (and consequently the BOR) in Halt mode. The device remains
under reset when VDD is below a specified threshold, VPOR/PDR or VBOR, without the need
for any external reset circuit.
The STM8AL313x/4x/6x and STM8AL3L4x/6x feature an embedded programmable voltage
detector (PVD) that monitors the VDD/VDDA power supply and compares it to the VPVD
threshold. This PVD offers 7 different levels between 1.85 V and 3.05 V, chosen by
software, with a step around 200 mV. An interrupt can be generated when VDD/VDDA drops
below the VPVD threshold and/or when VDD/VDDA is higher than the VPVD threshold. The
interrupt service routine can then generate a warning message and/or put the MCU into a
safe state. The PVD is enabled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com