Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWLC04 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STWLC04 Datasheet HTML 10Page - STMicroelectronics STWLC04 Datasheet HTML 11Page - STMicroelectronics STWLC04 Datasheet HTML 12Page - STMicroelectronics STWLC04 Datasheet HTML 13Page - STMicroelectronics STWLC04 Datasheet HTML 14Page - STMicroelectronics STWLC04 Datasheet HTML 15Page - STMicroelectronics STWLC04 Datasheet HTML 16Page - STMicroelectronics STWLC04 Datasheet HTML 17Page - STMicroelectronics STWLC04 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STWLC04
Package information
DocID029626 Rev 2
15/18
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.1
Flip Chip 77 bumps (3.12x4.73 mm) package information
Figure 12: Flip Chip 77 bumps (3.12x4.73 mm) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com