Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLUX385ATR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 23Page - STMicroelectronics STLUX385ATR Datasheet HTML 24Page - STMicroelectronics STLUX385ATR Datasheet HTML 25Page - STMicroelectronics STLUX385ATR Datasheet HTML 26Page - STMicroelectronics STLUX385ATR Datasheet HTML 27Page - STMicroelectronics STLUX385ATR Datasheet HTML 28Page - STMicroelectronics STLUX385ATR Datasheet HTML 29Page - STMicroelectronics STLUX385ATR Datasheet HTML 30Page - STMicroelectronics STLUX385ATR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 126 page
background image
DocID027870 Rev 1
27/126
STLUX
Product overview
126
5.7.2
Universal asynchronous receiver/transmitter (UART)
UART is the asynchronous receiver/transmitter communication interface.
SW flow control operating mode
Full duplex, asynchronous communications
High precision baud rate generator system
Common programmable transmit and receive baud rates up to fMASTER/16
Programmable data word length (8 or 9-bit)
Configurable stop bit - support for 1 or 2 stop bit
Configurable parity control
Separate enable bits for transmitter and receiver
Interrupt sources:
Transmit events
Receive events
Error detection flags
2 interrupt vectors:
Transmitter interrupt
Receiver interrupt
Reduced power consumption mode
Wakeup from mute mode (by idle line detection or address mark detection)
2 receiver wakeup modes:
Address bit (MSB)
Idle line.
5.7.3
Inter-integrated circuit interface (I2C)
The I2C (inter-integrated circuit) bus interface serves as an interface between the
microcontroller and the serial I2C bus. It provides a multimaster capability, and controls all
I2C bus-specific sequencing, protocol, arbitration and timing. It supports standard and fast
speed modes.
Parallel-bus/I2C protocol converter
Multimaster capability: the same interface can act as master or slave
I2C master features:
Clock generation
Start and stop generation
I2C slave features:
Programmable I2C address detection
Stop bit detection
Generation and detection of 7-bit/10-bit addressing and general call
Supports different communication speeds:
Standard speed (up to 100 kHz)
Fast speed (up to 400 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com