Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F756ZG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32F756ZG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756ZG Datasheet(HTML) 5 Page - STMicroelectronics

  STM32F756ZG Datasheet HTML 1Page - STMicroelectronics STM32F756ZG Datasheet HTML 2Page - STMicroelectronics STM32F756ZG Datasheet HTML 3Page - STMicroelectronics STM32F756ZG Datasheet HTML 4Page - STMicroelectronics STM32F756ZG Datasheet HTML 5Page - STMicroelectronics STM32F756ZG Datasheet HTML 6Page - STMicroelectronics STM32F756ZG Datasheet HTML 7Page - STMicroelectronics STM32F756ZG Datasheet HTML 8Page - STMicroelectronics STM32F756ZG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 228 page
background image
DocID027589 Rev 4
5/228
STM32F756xx
Contents
5
5.3.28
Quad-SPI interface characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 190
5.3.29
Camera interface (DCMI) timing specifications . . . . . . . . . . . . . . . . . . 192
5.3.30
LCD-TFT controller (LTDC) characteristics . . . . . . . . . . . . . . . . . . . . . 193
5.3.31
SD/SDIO MMC card host interface (SDMMC) characteristics . . . . . . . 195
6
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 197
6.1
LQFP100, 14 x 14 mm low-profile quad flat package information . . . . . 197
6.2
TFBGA100, 8 x 8 x 0.8 mm thin fine-pitch ball grid array
package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
6.3
WLCSP143, 4.539x 5.849 mm, 0.4 mm pitch wafer level chip
scale package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
6.4
LQFP144, 20 x 20 mm low-profile quad flat package information . . . . . 206
6.5
LQFP176, 24 x 24 mm low-profile quad flat package information . . . . . 209
6.6
LQFP208, 28 x 28 mm low-profile quad flat package information . . . . . 213
6.7
UFBGA 176+25, 10 x 10 x 0.65 mm ultra thin-pitch ball grid
array package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217
6.8
TFBGA216, 13 × 13 × 0.8 mm thin fine-pitch ball grid array
package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
6.9
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 223
7
Part numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 224
Appendix A Recommendations when using internal reset OFF . . . . . . . . . . . 225
A.1
Operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com