Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MD1730T-V/M2 Datasheet(PDF) 27 Page - Microchip Technology

Part # MD1730T-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730T-V/M2 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MD1730T-V/M2 Datasheet HTML 23Page - Microchip Technology MD1730T-V/M2 Datasheet HTML 24Page - Microchip Technology MD1730T-V/M2 Datasheet HTML 25Page - Microchip Technology MD1730T-V/M2 Datasheet HTML 26Page - Microchip Technology MD1730T-V/M2 Datasheet HTML 27Page - Microchip Technology MD1730T-V/M2 Datasheet HTML 28Page - Microchip Technology MD1730T-V/M2 Datasheet HTML 29Page - Microchip Technology MD1730T-V/M2 Datasheet HTML 30Page - Microchip Technology MD1730T-V/M2 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 27
MD1730
Microchip Technology Drawing C04-272B-M2 Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
A3
e
L
E
N
0.50 BSC
0.20 REF
3.60
3.60
0.50
0.18
0.80
0.00
0.25
6.00 BSC
0.60
3.70
3.70
0.90
0.02
6.00 BSC
MILLIMETERS
MIN
NOM
36
3.80
3.80
0.75
0.30
1.00
0.05
MAX
K0.55
0.45
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
36-Terminal Very Thin Plastic Quad Flatpack No-Lead (M2) - 6x6x1.0mm Body [VQFN]
SMSC Legacy "Sawn Quad Flatpack No-Lead [SQFN]"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com