Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGW75M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW75M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 75 A low loss
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW75M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGW75M65DF2 Datasheet HTML 1Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 2Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 3Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 4Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 5Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 6Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 7Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 8Page - STMicroelectronics STGW75M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2016
DocID028695 Rev 2
1/17
This is information on a product in full production.
www.st.com
STGW75M65DF2,
STGWA75M65DF2
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
Datasheet - production data
Figure 1: Internal schematic diagram
Features
6 µs of short-circuit withstand time
VCE(sat) = 1.65 V (typ.) @ IC = 75 A
Tight parameter distribution
Safer paralleling
Low thermal resistance
Soft and very fast recovery antiparallel diode
Applications
Motor control
UPS
PFC
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. The devices are part of the M series
IGBTs, which represent an optimal balance
between inverter system performance and
efficiency where low-loss and short-circuit
functionality are essential. Furthermore, the
positive VCE(sat) temperature coefficient and tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGW75M65DF2
G75M65DF2
TO-247
Tube
STGWA75M65DF2
TO-247 long leads


Similar Part No. - STGW75M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW100N30 STMICROELECTRONICS-STGW100N30 Datasheet
699Kb / 13P
90 A - 330 V - fast IGBT
11-Feb-2009
STGW10M65DF2 STMICROELECTRONICS-STGW10M65DF2 Datasheet
928Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
08-Mar-2016
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
More results

Similar Description - STGW75M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low loss
13-Nov-2015
STGB10M65DF2 STMICROELECTRONICS-STGB10M65DF2 Datasheet
1Mb / 20P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
20-Oct-2015
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com