Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL13N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL13N60DM2
Description  N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL13N60DM2 Datasheet HTML 1Page - STMicroelectronics STL13N60DM2 Datasheet HTML 2Page - STMicroelectronics STL13N60DM2 Datasheet HTML 3Page - STMicroelectronics STL13N60DM2 Datasheet HTML 4Page - STMicroelectronics STL13N60DM2 Datasheet HTML 5Page - STMicroelectronics STL13N60DM2 Datasheet HTML 6Page - STMicroelectronics STL13N60DM2 Datasheet HTML 7Page - STMicroelectronics STL13N60DM2 Datasheet HTML 8Page - STMicroelectronics STL13N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2016
DocID029284 Rev 2
1/15
This is information on a product in full production.
www.st.com
STL13N60DM2
N-
channel 600 V, 0.350 Ω typ., 8 A MDmesh™ DM2
Power MOSFET in a
PowerFLAT™ 5x6 HV package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STL13N60DM2
600 V
0.370 Ω
8 A
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part
of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STL13N60DM2
13N60DM2
PowerFLAT™ 5x6 HV
Tape and reel
1
2
3
4
PowerFLA
T™ 5x6 HV
5
6
7
8
1
2
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)


Similar Part No. - STL13N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
Low gate input resistance
27-Jun-2014
STL13N60M6 STMICROELECTRONICS-STL13N60M6 Datasheet
796Kb / 15P
N-channel 600 V, 330 mΩ typ., 7 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
20-May-2019
More results

Similar Description - STL13N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N60M2-EP STMICROELECTRONICS-STL15N60M2-EP Datasheet
488Kb / 16P
N-channel 600 V, 0.389 Ω typ., 7 A MDmesh™M2 EP Power MOSFET in a PowerFLAT™5x6 HV package
15-Jun-2015
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
N-channel 600 V, 0.290 Ω typ., 8 A MDmesh™M2 Power MOSFET in a PowerFLAT™5x6 HV package
18-May-2015
STL24N60DM2 STMICROELECTRONICS-STL24N60DM2 Datasheet
812Kb / 15P
N-channel 600 V, 0.195 (ohm) typ., 15 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
25-Jul-2016
STL33N60DM2 STMICROELECTRONICS-STL33N60DM2 Datasheet
784Kb / 15P
N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
09-Mar-2016
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL13N60M6 STMICROELECTRONICS-STL13N60M6 Datasheet
796Kb / 15P
N-channel 600 V, 330 mΩ typ., 7 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
20-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL15N60DM6 STMICROELECTRONICS-STL15N60DM6 Datasheet
579Kb / 15P
N-channel 600 V, 295 m typ., 8.5 A, MDmesh DM6 Power MOSFET in a PowerFLAT 5x6 HV package
03-Jul-2020
STL16N60M6 STMICROELECTRONICS-STL16N60M6 Datasheet
887Kb / 15P
N-channel 600 V, 0.30 typ., 8 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
03-Apr-2017
STL18N60M6 STMICROELECTRONICS-STL18N60M6 Datasheet
792Kb / 15P
N-channel 600 V, 255 m typ., 9 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
19-Apr-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com