Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSPIN240 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STSPIN240 Datasheet HTML 14Page - STMicroelectronics STSPIN240 Datasheet HTML 15Page - STMicroelectronics STSPIN240 Datasheet HTML 16Page - STMicroelectronics STSPIN240 Datasheet HTML 17Page - STMicroelectronics STSPIN240 Datasheet HTML 18Page - STMicroelectronics STSPIN240 Datasheet HTML 19Page - STMicroelectronics STSPIN240 Datasheet HTML 20Page - STMicroelectronics STSPIN240 Datasheet HTML 21Page - STMicroelectronics STSPIN240 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Functional description
STSPIN240
18/26
DocID029313 Rev 3
6.4
Overcurrent and short-circuit protections
The device embeds circuitry protecting each power output against the overload and short-
circuit conditions (short to ground, short to VS and short between outputs).
When the overcurrent or the short-circuit protection is triggered, the power stage is disabled
and the EN\FAULT input is forced low through the integrated open drain MOSFET
discharging the external CEN capacitor.
The power stage is kept disabled and the open drain MOSFET is kept ON until the
EN\FAULT input falls below the VRELEASE threshold, then the CEN capacitor is charged
through the REN resistor.
Figure 8. Overcurrent and short-circuit protections management
The total disable time after an overcurrent event can be set by properly sizing the external
network connected to the EN\FAULT pin (refer to Figure 9 and Figure 10):
Equation 2
tDIS = tdischarge + tcharge
But tcharge is normally much higher than tdischarge, thus we can consider only the second one
contribution:
Equation 3
Where VDD is the pull-up voltage of the REN resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com