Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2503 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 23Page - Microchip Technology USB2503 Datasheet HTML 24Page - Microchip Technology USB2503 Datasheet HTML 25Page - Microchip Technology USB2503 Datasheet HTML 26Page - Microchip Technology USB2503 Datasheet HTML 27Page - Microchip Technology USB2503 Datasheet HTML 28Page - Microchip Technology USB2503 Datasheet HTML 29Page - Microchip Technology USB2503 Datasheet HTML 30Page - Microchip Technology USB2503 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002249A-page 27
USB2503/USB2503A
5.6
Reset
There are two different resets that the Hub experiences. One is a hardware reset (via the RESET_N pin) and the second
is a USB Bus Reset.
5.6.1
EXTERNAL HARDWARE RESET_N
A valid hardware reset is defined as, assertion of RESET_N for a minimum of 1us after all power supplies are within
operating range. While reset is asserted, the Hub (and its associated external circuitry) consumes less than 500
A of
current from the upstream USB power source (300
A for the Hub and 200A for the external circuitry).
Assertion of RESET_N (external pin) causes the following:
1.
All downstream ports are disabled, and PRTPWR power to downstream devices is removed.
2.
The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3.
All transactions immediately terminate; no states are saved.
4.
All internal registers return to the default state (in most cases, 00(h)).
5.
The external crystal oscillator is halted.
6.
The PLL is halted.
7.
LED indicators are disabled.
The Hub is “operational” 500
s after RESET_N is negated.
Once operational, the Hub immediately reads OEM-specific data from the external EEPROM (if the SMBus option is not
disabled).
5.6.1.1
RESET_N for Strapping Option Configuration
FIGURE 5-2:
RESET_N TIMING FOR DEFAULT/STRAP OPTION MODE
TABLE 5-5:
RESET_N TIMING FOR DEFAULT/STRAP OPTION MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N Asserted.
1
sec
t2
Strap Setup Time
16.7
nsec
t3
Strap Hold Time.
16.7
1400
nsec
t4
hub outputs driven to inactive logic states
2.0
1.5
sec
t1
t4
t5
t6
t7
t8
Valid
Don’t Care
Don’t Care
Driven by Hub if strap is an output.
RESET_N
VSS
Strap Pins
VSS
Hardware
reset
asserted
Read Strap
Options
Drive Strap
Outputs to
inactive
levels
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t2
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com