Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5LC1008 Datasheet(PDF) 2 Page - Micross Components

Part # AS5LC1008
Description  RoHS compliant options available
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC1008 Datasheet(HTML) 2 Page - Micross Components

  AS5LC1008 Datasheet HTML 1Page - Micross Components AS5LC1008 Datasheet HTML 2Page - Micross Components AS5LC1008 Datasheet HTML 3Page - Micross Components AS5LC1008 Datasheet HTML 4Page - Micross Components AS5LC1008 Datasheet HTML 5Page - Micross Components AS5LC1008 Datasheet HTML 6Page - Micross Components AS5LC1008 Datasheet HTML 7Page - Micross Components AS5LC1008 Datasheet HTML 8Page - Micross Components AS5LC1008 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SRAM
AS5LC1008
AS5LC1008
Rev. 1.4 10/13
Micross Components reserves the right to change products or specifications without notice.
2
ABSOLUTE MAXIMUM RATINGS*
Terminal Voltage with Respect to GND (V
TERM).........................................................................................-0.5V to VCC + 0.5V
Temperature Under Bias (T
BIAS).........................................................................................................................-55°C to +125°C
Storage Temperature (T
STG)................................................................................................................................-65°C to +150°C
Power Dissipation (P
T)...........................................................................................................................................................1.0W
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
FUNCTIONAL BLOCK DIAGRAM
TRUTH TABLE
Mode
WE\
CE\
OE\
I/O Operation
Not Selected
(Power-down)
X
H
X
High-Z
Output Disabled
H
L
H
High-Z
Read
H
L
L
DOUT
Write
L
L
X
DIN
A0 - A16
VCC
GND
I/O0 - I/O7
CE\
OE\
WE\
DECODER
128K x 8
MEMORY ARRAY
I/O DATA
CIRCUIT
COLUMN I/O
CONTROL
CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com