Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5SP512K36DQ-40/XT Datasheet(PDF) 1 Page - Micross Components

Part # AS5SP512K36DQ-40/XT
Description  On-Chip Address and Control Registers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5SP512K36DQ-40/XT Datasheet(HTML) 1 Page - Micross Components

  AS5SP512K36DQ-40/XT Datasheet HTML 1Page - Micross Components AS5SP512K36DQ-40/XT Datasheet HTML 2Page - Micross Components AS5SP512K36DQ-40/XT Datasheet HTML 3Page - Micross Components AS5SP512K36DQ-40/XT Datasheet HTML 4Page - Micross Components AS5SP512K36DQ-40/XT Datasheet HTML 5Page - Micross Components AS5SP512K36DQ-40/XT Datasheet HTML 6Page - Micross Components AS5SP512K36DQ-40/XT Datasheet HTML 7Page - Micross Components AS5SP512K36DQ-40/XT Datasheet HTML 8Page - Micross Components AS5SP512K36DQ-40/XT Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SSRAM
AS5SP512K36
AS5SP512K36
Rev. 3.0 10/13
Micross Components reserves the right to change products or specifications without notice.
1
Plastic Encapsulated Microcircuit
18Mb, 512K x 36, Synchronous SRAM
Pipeline Burst, Single Cycle Deselect
FEATURES
 Synchronous Operation in relation to the input Clock
 2 Stage Registers resulting in Pipeline operation
 On chip address counter (base +3) for Burst operations
 Self-Timed Write Cycles
 On-Chip Address and Control Registers
 Byte Write support
 Global Write support
 On-Chip low power mode [powerdown] via ZZ pin
 Interleaved or Linear Burst support via Mode pin
 Three Chip Enables for ease of depth expansion without
Data Contention.
 Two Cycle load, Single Cycle Deselect
 Asynchronous Output Enable (OE\)
 Three Pin Burst Control (ADSP\, ADSC\, ADV\)
 3.3V Core Power Supply
 3.3V/2.5V IO Power Supply
 JEDEC Standard 100 pin TQFP Package
 Available in Industrial, Enhanced, and Mil-
Temperature Operating Ranges
RoHs compliant options available
GENERAL DESCRIPTION
The AS5SP512K36 is a 18Mb High Performance
Synchronous Pipeline Burst SRAM, available in multiple
temperature screening levels, fabricated using High
Performance CMOS technology and is organized as a
512K x 36 array. It integrates address and control registers,
a two (2) bit burst address counter supporting four (4)
double-word transfers. Writes are internally self-timed and
synchronous to the rising edge of clock.
The AS5SP512K36 includes advanced control options
including Global Write, Byte Write as well as an
asynchronous output enable. Burst Cycle controls are
handled by three (3) input pins, ADV\, ADSP\ and ADSC\.
Burst operation can be initiated with either the Address
Status Processor (ADSP\) or Address Status controller
(ADSC\) inputs. Subsequent burst addresses are generated
internally in the system’s burst sequence control block and
are controlled by the Address Advance (ADV\) control
input.
Parameter
Symbol
200Mhz
166Mhz
133Mhz
Units
Cycle Time
tCYC
5.0
6.0
7.5
ns
Clock Access Time
tCD
3.1
3.5
4.0
ns
Output Enable Access Time
tOE
3.1
3.5
4.0
ns
Fast Access Times
100-PIN TQFP
PINOUT
(3-CHIP ENABLE)
Block Diagram
CONTROL
BLOCK
BURST CNTL.
Address
Registers
Row
Decode
Column
Decode
Memory Array
x36
SBP
I/O Gating and Control
Output
Register
Input
Register
CLK
CE1\
CE2
CE3\
BWE\
BWx\
GW\
ADV\
ADSC\
ADSP\
MODE
A0-Ax
DQx, DQPx
Output
Driver
❑ Synchronous Pipeline
Burst
❋ Two (2) cycle load
❋ One (1) cycle
de-select
❋ One (1) cycle latency
on Mode change
OE\
ZZ


Similar Part No. - AS5SP512K36DQ-40/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP512K36DQ-40ET AUSTIN-AS5SP512K36DQ-40ET Datasheet
294Kb / 11P
Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP512K36DQ-40IT AUSTIN-AS5SP512K36DQ-40IT Datasheet
294Kb / 11P
Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP512K36DQ-40XT AUSTIN-AS5SP512K36DQ-40XT Datasheet
294Kb / 11P
Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
More results

Similar Description - AS5SP512K36DQ-40/XT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
Electronic Volume Control System on-Chip
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
Electronic Volume Control System on-Chip
logo
Texas Instruments
SN74BCT2420 TI-SN74BCT2420 Datasheet
183Kb / 12P
NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
logo
White Electronic Design...
WC32P020-XXM WEDC-WC32P020-XXM Datasheet
476Kb / 14P
16 32-Bit General-Purpose Data and Address Registers
logo
Renesas Technology Corp
HD74HC131 RENESAS-HD74HC131 Datasheet
114Kb / 9P
3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
logo
Texas Instruments
SN74AS131A TI1-SN74AS131A Datasheet
109Kb / 6P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS REGISTERS
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
SPEAr320S address map and registers
28-Nov-2012
logo
Xilinx, Inc
XC1701 XILINX-XC1701 Datasheet
73Kb / 10P
On-chip address counter, incremented by each rising
logo
Micross Components
AS5SP512K18 MICROSS-AS5SP512K18 Datasheet
750Kb / 13P
On chip address counter for Burst operations
logo
Maxim Integrated Produc...
MAXQ616 MAXIM-MAXQ616 Datasheet
41Kb / 2P
Infrared Remote Control System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com