Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLUENRG-MSCSP Datasheet(PDF) 15 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 11Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 12Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 13Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 14Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 15Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 16Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 17Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 18Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
BlueNRG-MS
Block diagram and descriptions
5
Block diagram and descriptions
A block diagram of the device is shown in Figure 9: "Block diagram". In the following
subsections a short description of each module is given.
Figure 9: Block diagram
5.1
Core, memory and peripherals
The BlueNRG-MS contains an ARM Cortex-M0 microcontroller core that supports ultra-low
leakage state retention mode and almost instantaneously returning to fully active mode on
critical events.
The memory subsystem consists of 64 KB Flash, and 12 KB RAM, divided in two blocks of
6 KB (RAM1 and RAM2). Flash is used for the M0 program. No RAM or FLASH resources
are available to the external microcontroller driving the BlueNRG-MS.
The application controller interface (ACI) uses a standard SPI slave interface as transport
layer, basing in five physical wires:
2 control wires (clock and slave select)
2 data wires with serial shift-out (MOSI and MISO) in full duplex
1 wire to indicate data availability from the slave
Table 4: SPI interface
Name
Direction
Width
Description
SPI_CS
In
1
SPI slave select = SPI enable.
SPI_CLK
In
1
SPI clock (max 8 MHz).
SPI_MOSI
In
1
Master output, slave input.
SPI_MISO
Out
1
Master input, slave output.
DocID027103 Rev 6
15/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com