Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2517 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB2517
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB2517 Datasheet HTML 2Page - Microchip Technology USB2517 Datasheet HTML 3Page - Microchip Technology USB2517 Datasheet HTML 4Page - Microchip Technology USB2517 Datasheet HTML 5Page - Microchip Technology USB2517 Datasheet HTML 6Page - Microchip Technology USB2517 Datasheet HTML 7Page - Microchip Technology USB2517 Datasheet HTML 8Page - Microchip Technology USB2517 Datasheet HTML 9Page - Microchip Technology USB2517 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 6
 2013-2016 Microchip Technology Inc.
2.0
BLOCK DIAGRAM
FIGURE 2-1:
USB2517/USB2517I BLOCK DIAGRAM
To Upstream
VBUS
3.3V
Upstream
PHY
Upstream USB
Data
Repeater
Controller
SIE
Serial
Interface
PLL
24 MHz Crystal
To EEPROM or
SMBus Master
Routing & Port Re-Ordering Logic
SCK
SDA
TT
#7
Port
Controller
PHY#1
Port #1
OC
Sense
Switch
Driver
LED
Drivers
USB Data
Downstream
OC Sense
Switch/LED
Drivers
Bus-Power
Detect/VBUS
Pulse
1.8V
TT
#6
TT
#5
TT
#1
1.8V Reg
PHY#2
Port #2
OC
Sense
Switch
Driver
LED
Drivers
PHY#7
Port #7
OC
Sense
Switch
Driver
LED
Drivers
USB Data
Downstream
OC Sense
Switch/LED
Drivers
USB Data
Downstream
OC Sense
Switch/LED
Drivers
TT
#4
TT
#3
TT
#2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com