Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5891 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5891
Description  8-Bit Serial-Input Latched Source Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5891 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5891 Datasheet HTML 4Page - Microchip Technology MIC5891 Datasheet HTML 5Page - Microchip Technology MIC5891 Datasheet HTML 6Page - Microchip Technology MIC5891 Datasheet HTML 7Page - Microchip Technology MIC5891 Datasheet HTML 8Page - Microchip Technology MIC5891 Datasheet HTML 9Page - Microchip Technology MIC5891 Datasheet HTML 10Page - Microchip Technology MIC5891 Datasheet HTML 11Page - Microchip Technology MIC5891 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MIC5891
DS20005638A-page 8
 2016 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
Serial data present at the input is transferred into the
shift register on the rising edge of the CLOCK input
pulse. Additional CLOCK pulses shift data information
towards the SERIAL DATA OUTPUT. The serial data
must appear at the input prior to the rising edge of the
CLOCK input waveform.
The 8 bits present in the shift register are transferred to
the respective latches when the STROBE is high
(serial-to-parallel conversion). The latches will continue
to accept new data as long as the STROBE is held
high. Most applications where the latching feature is
not used (STROBE tied high) require the OUTPUT
ENABLE input to be high during serial data entry.
Outputs are active (controlled by the latch state) when
the OUTPUT ENABLE is low. All outputs are low
(disabled) when the OUTPUT ENABLE is high.
OUTPUT ENABLE does not affect the data in the shift
register or latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com