Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC8115 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8115 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC8115 Datasheet HTML 1Page - Micrel Semiconductor MIC8115 Datasheet HTML 2Page - Micrel Semiconductor MIC8115 Datasheet HTML 3Page - Micrel Semiconductor MIC8115 Datasheet HTML 4Page - Micrel Semiconductor MIC8115 Datasheet HTML 5Page - Micrel Semiconductor MIC8115 Datasheet HTML 6Page - Micrel Semiconductor MIC8115 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Micrel, Inc.
MIC8115
August 3, 2015
3
Revision 2.0
Absolute Maximum Ratings
(2)
Terminal Voltage
(VCC)......................................................... –0.3V to 6.0V
(/MR) ............................................... –0.3V (VCC + 0.3V)
Input Current (VCC, /MR)............................................20mA
Output Current (/RESET) ............................................20mA
Rate of Rise (VCC) ................................................... 100V/µs
Lead Temperature (soldering, 10s)............................ 300
°C
Storage Temperature (TS).........................–65°C to +150°C
ESD Rating
(4).................................................................. 3kV
Operating Ratings
(3)
Operating Temperature Range .................. –40
°C to +85°C
Power Dissipation (TA = +70°C)...............................320mW
Electrical Characteristics
For typical values, VCC = 3.3V; TA = 25°C, bold values indicate –40°C
≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCC
Operating Voltage Range
TA = –40°C to +85°C
1
5.5
V
ICC
Supply Current
5
15
µA
VTH
Reset Voltage Threshold
3.00
3.08
3.15
V
IRST
Reset Timeout Period
1100
1700
2500
ms
VOH
/RESET Output Voltage
ISOURCE = 500µA
0.8 × VCC
V
VOL
/Reset Output Voltage
VCC = VTH(MIN), ISINK = 1.2mA
0.3
V
VCC = 1V, ISINK = 50µA,
TA = –40°C to +85°C
0.3
/MR Minimum Pulse Width
10
µs
/MR to Reset Delay
0.5
µs
VIH
/MR Input Threshold
0.7 × VCC
V
VIL
/MR Input Threshold
0.25 × VCC
/MR Pull-Up Resistance
10
20
30
k
/MR Glitch Immunity
100
ns
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com