Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SRN2010TA-R68Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN2010TA-R68Y
Description  Semi-shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN2010TA-R68Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN2010TA-R68Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN2010TA-R68Y Datasheet HTML 2Page - Bourns Electronic Solutions SRN2010TA-R68Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Semi-shieldedconstruction
n
Inductancerange:0.47to22µH
n
Ratedcurrentupto2.3A
n
AEC-Q200qualified
n
RoHScompliant*andhalogenfree**
SRN2010TASeries-Semi-shieldedPowerInductors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdevice
performancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Operating Temperature
................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Temperature Rise .....40 °C at rated Irms
Rated Current
............ Inductance drops 30 % at Isat
Failure In Time (FIT)........24.7/109 hours
Mean Time Between Failures (MTBF)
..................................40.4 x 106 hours
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 1 MHz / 0.1 V
Q
(Typ.)
@ 1 MHz
SRF
(MHz)
Typ.
DCR
(W)
±20 %
Irms
(A)
Max.
Isat
(A)
Max.
L (mH) Tol. %
SRN2010TA-R47Y
0.47
±30
12
270
0.044
2.35
2.7
SRN2010TA-R68Y
0.68
±30
12
210
0.062
2.05
2
SRN2010TA-1R0Y
1.0
±30
12
170
0.08
1.6
1.8
SRN2010TA-1R5Y
1.5
±30
12
140
0.13
1.26
1.46
SRN2010TA-2R2M
2.2
±20
14
100
0.145
1.2
1.26
SRN2010TA-3R3M
3.3
±20
14
95
0.245
0.95
0.9
SRN2010TA-4R7M
4.7
±20
14
62
0.36
0.9
0.77
SRN2010TA-6R8M
6.8
±20
14
52
0.5
0.55
0.72
SRN2010TA-100M
10
±20
16
43
0.72
0.45
0.55
SRN2010TA-150M
15
±20
16
40
1.4
0.36
0.45
SRN2010TA-180M
18
±20
16
35
1.8
0.34
0.4
SRN2010TA-220M
22
±20
16
30
2
0.27
0.38
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Coating .................Magnetic epoxy resin
Packaging....... 2000 pcs. per 7-inch reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
How to Order
SRN2010TA - R68Y
Model
Value Code (see table)
Soldering Profile
25
Time (Seconds)
Preheating
Soldering
Natural Cooling
217 °C
tp (245 °C, 20~40 Sec.)
200 °C
150°C
60~180
Sec.
480 Sec. Max.
60~150 Sec.
TP (260 °C, 10 Sec. Max.)
1.7
(.067)
REF.
2.0 +0.2/-0.1
(.079 +.008/-.004)
1.6 +0.2/-0.1
(.063 +.008/-.004)
0.7
(.028)
REF.
REF.
0.6
(.024)
REF.
0.8
(.031)
REF.
0.6
(.024)
MAX.
1.00
(0.39)
2.3
(.091)
REF.
Applications
n
Automotive
systems:
-Driverassistant
-Infotainment
-Lighting
n
DC/DCconverters
n
Powersupplies
n
Digitalvideo
cameras
n
HDDs
n
Smartphones
n
Televisions,LCD
displays


Similar Part No. - SRN2010TA-R68Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2010 BOURNS-SRN2010 Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2010-1R0M BOURNS-SRN2010-1R0M Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2010-2R2M BOURNS-SRN2010-2R2M Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2010-R24M BOURNS-SRN2010-R24M Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2010-R47M BOURNS-SRN2010-R47M Datasheet
215Kb / 3P
SRN2010 Series - Semi-shielded Power Inductors
REV. 12/14
More results

Similar Description - SRN2010TA-R68Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN4018TA BOURNS-SRN4018TA Datasheet
823Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com