Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM325 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM325
Description  Dual Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM325 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM325 Datasheet HTML 1Page - National Semiconductor (TI) LM325 Datasheet HTML 2Page - National Semiconductor (TI) LM325 Datasheet HTML 3Page - National Semiconductor (TI) LM325 Datasheet HTML 4Page - National Semiconductor (TI) LM325 Datasheet HTML 5Page - National Semiconductor (TI) LM325 Datasheet HTML 6Page - National Semiconductor (TI) LM325 Datasheet HTML 7Page - National Semiconductor (TI) LM325 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
±30V
Forced V
O
+ (Min) (Note 2)
−0.5V
Forced V
O
− (Max) (Note 2)
+0.5V
Power Dissipation (Note 3)
P
MAX
Output Short-Circuit Duration (Note 4)
Continuous
Operating Conditions
Operating Free Temperature Range
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
300˚C
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage
T
j = 25˚C
14.5
15
15.5
V
Input-Output Differential
2.0
V
Line Regulation
V
IN = 18V to 30V, IL = 20 mA,
T
j = 25˚C
2.0
10
mV
Line Regulation Over Temperature Range
V
IN = 18V to 30V, IL = 20 mA,
20
20
mV
Load Regulation
V
O
+
V
O
−
I
L = 0mAto50mA, VIN = ±30V,
T =
j 25˚C
3.0
5.0
10
10
mV
mV
Load Regulation Over Temperature Range
V
O
+
V
O
−
I
L = 0mAto50mA, VIN = ±30V
4.0
7.0
20
20
mV
mV
Output Voltage Balance
T
j = 25˚C
±300
mV
Output Voltage Over Temperature Range
P
≤ P
MAX,0 ≤ IO ≤ 50 mA,
18V
≤ |V
IN| ≤ 30
14.27
15.73
V
Temperature Stability of V
O
±0.3
%
Short Circuit Current Limit
T
j = 25˚C
260
mA
Output Noise Voltage
T
j = 25˚C, BW = 100 − 10 kHz
150
µVrms
Positive Standby Current
T
j = 25˚C
1.75
3.0
mA
Negative Standby Current
T
j = 25˚C
3.1
5.0
mA
Long Term Stability
0.2
%/kHr
Thermal Resistance Junction to
Case (Note 5)
LM325H
Junction to Ambient
Junction to Ambient
(Still Air)
(400 Lf/min Air Flow)
20
215
82
˚C/W
˚C/W
˚C/W
Junction to Ambient
LM325N
(Still Air)
90
˚C/W
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: That voltage to which the output may be forced without damage to the device.
Note 3: Unless otherwise specified these specifications apply for Tj = 0˚C to +125˚C on LM325, VIN = ±20V, IL = 0 mA, IMAX = 100 mA, PMAX = 2.0W for the H10
Package.
Note 4: If the junction temperature exceeds 150˚C, the output short circuit duration is 60 seconds.
Note 5: Without a heat sink, the thermal resistance junction to ambient of the H10 Package is about 155˚C/W. With a heat sink, the effective thermal resistance can
only approach the junction to case values specified, depending on the efficiency of the sink.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com