Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB82640 Datasheet(PDF) 5 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 5 Page - Microchip Technology

  USB82640 Datasheet HTML 1Page - Microchip Technology USB82640 Datasheet HTML 2Page - Microchip Technology USB82640 Datasheet HTML 3Page - Microchip Technology USB82640 Datasheet HTML 4Page - Microchip Technology USB82640 Datasheet HTML 5Page - Microchip Technology USB82640 Datasheet HTML 6Page - Microchip Technology USB82640 Datasheet HTML 7Page - Microchip Technology USB82640 Datasheet HTML 8Page - Microchip Technology USB82640 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 5
USB82640
1.1
Device Features
1.1.1
HARDWARE FEATURES
• Single-chip hub and flash media controller
• USB82640 supports the temperature range of -40 °C to +85 °C
• Transaction Translator (TT) in the hub supports operation of FS and LS peripherals
• Full power management with individual or ganged power control of each downstream port
• Optional support for external firmware access via SPI interface
• Code execution via SPI ROM which must meet the following qualifications:
- 30 MHz or 60 MHz operation support
- Single bit or dual bit mode support
- Mode 0 or mode 3 SPI support
Compliance with the following flash media card specifications:
• Secure Digital 2.0/MultiMediaCard 4.2
- SD 2.0, SD-HS, SD-HC
- TransFlashTM and reduced form factor media
- 1/4/8 bit MMC 4.2
- Supports storage addressability of up to 2 TB
• Memory Stick 1.43
• Memory Stick Pro Format 1.02
• Memory Stick Pro-HG Duo Format 1.01
- Memory Stick, MS Duo, MS-HS, MS Pro-HG, MS Pro
• MS Duo 1.10
• Supports internal regulator for 1.8 V core operation
• Supports external regulator for 1.8 V core operation
1.1.2
CONFIGURABLE FEATURES
Default configuration is implemented in the USB82640 following a reset. The USB82640 may also be configured by an
external I2C EEPROM or external SPI ROM flash where the following features are supported.
• Customizable vendor ID, product ID, and device ID
• 12-hex digits maximum for the serial number string
• 29-character manufacturer ID and product strings for flash media reader/writer
• Compound device support on a port-by-port basis
- a port is permanently hardwired to a downstream USB peripheral device
• Select over-current sensing and port power control on an individual or ganged (all ports together) basis to match
the OEM’s choice of circuit board component selection
• Port power control and over-current detection/delay features
• Configure the delay time for filtering the over-current sense inputs
• Configure the delay time for turning on downstream port power
• Bus- or self-powered selection
• Hub port disable of non-removable configurations
• Flexible port mapping and disable sequencing supports multiple platform designs
• Programmable USB differential-pair pin location selection eases PCB layout by aligning USB signal lines directly
to connectors
• Programmable USB signal drive strength improves USB signal integrity using 4 levels of signal drive strength
• Indicate the maximum current that the 2-port hub consumes from the USB upstream port
• Manage the maximum current required for the hub controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com