Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB5734 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB5734
Description  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB5734 Datasheet HTML 20Page - Microchip Technology USB5734 Datasheet HTML 21Page - Microchip Technology USB5734 Datasheet HTML 22Page - Microchip Technology USB5734 Datasheet HTML 23Page - Microchip Technology USB5734 Datasheet HTML 24Page - Microchip Technology USB5734 Datasheet HTML 25Page - Microchip Technology USB5734 Datasheet HTML 26Page - Microchip Technology USB5734 Datasheet HTML 27Page - Microchip Technology USB5734 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
USB5734
DS00001854D-page 24
 2015-2016 Microchip Technology Inc.
3.4.5.4
Configuration 4 - GPIO Mode (Reserved)
When the CFG_STRAP is configured to this mode, the programmable function pins (PROG_FUNC[7:1]) are set to pro-
vide 7 general purpose I/Os that can be used for GPIO bridging. Table 3-19 details the PROG_FUNC[7:1] pin assign-
ments in this mode.
3.4.5.5
Configuration 5 - Battery Charging / Power Delivery Indicator Mode
When the CFG_STRAP is configured to this mode, the programmable function pins (PROG_FUNC[7:1]) are set to indi-
cate battery charging and 3 general purpose I/Os. Table 3-20 details the PROG_FUNC[7:1] pin assignments in this
mode.
TABLE 3-19:
CONFIGURATION 4 PROG_FUNC[7:1] FUNCTION ASSIGNMENT
Pin
Function
Buffer
Type
Description
PROG_FUNC1
GPIO1
I/O12
General Purpose Input/Output 1
PROG_FUNC2
GPIO2
I/O6
General Purpose Input/Output 2
PROG_FUNC3
GPIO3
I/O12
General Purpose Input/Output 3
PROG_FUNC4
GPIO6
I/O12
General Purpose Input/Output 4
PROG_FUNC5
GPIO8
I/O12
General Purpose Input/Output 5
PROG_FUNC6
GPIO10
I/O12
General Purpose Input/Output 6
PROG_FUNC7
GPIO11
I/O10
General Purpose Input/Output 7
TABLE 3-20:
CONFIGURATION 5 PROG_FUNC[7:1] FUNCTION ASSIGNMENT
Pin
Function
Buffer
Type
Description
PROG_FUNC1
BC_IND1
O12
Port 1 Battery Charging Indicator
Tri-state: Battery Charging not enabled
0: In BC 1.2 Mode
1: Battery Charging enabled
PROG_FUNC2
BC_IND2
O6
Port 2 Battery Charging Indicator
Tri-state: Battery Charging not enabled
0: In BC 1.2 Mode
1: Battery Charging enabled
PROG_FUNC3
BC_IND3
O12
Port 3 Battery Charging Indicator
Tri-state: Battery Charging not enabled
0: In BC 1.2 Mode
1: Battery Charging enabled
PROG_FUNC4
BC_IND4
O12
Port 4 Battery Charging Indicator
Tri-state: Battery Charging not enabled
0: In BC 1.2 Mode
1: Battery Charging enabled
PROG_FUNC5
GPIO8
I/O12
General Purpose Input/Output 8
PROG_FUNC6
GPIO10
I/O12
General Purpose Input/Output 10
PROG_FUNC7
GPIO11
I/O10
General Purpose Input/Output 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com