Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3250-ABZJ Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3250-ABZJ
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250-ABZJ Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3250-ABZJ Datasheet HTML 3Page - Microchip Technology USB3250-ABZJ Datasheet HTML 4Page - Microchip Technology USB3250-ABZJ Datasheet HTML 5Page - Microchip Technology USB3250-ABZJ Datasheet HTML 6Page - Microchip Technology USB3250-ABZJ Datasheet HTML 7Page - Microchip Technology USB3250-ABZJ Datasheet HTML 8Page - Microchip Technology USB3250-ABZJ Datasheet HTML 9Page - Microchip Technology USB3250-ABZJ Datasheet HTML 10Page - Microchip Technology USB3250-ABZJ Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
2013 - 2016 Microchip Technology Inc.
DS00002142A-page 7
USB3250
4.0
INTERFACE SIGNAL DEFINITION
TABLE 4-1:
SYSTEM INTERFACE SIGNALS
Name
Direction
Active Level
Description
RESET
Input
High
Reset. Reset all state machines. After coming out of reset, must
wait 5 rising edges of clock before asserting TXValid for transmit.
Assertion of Reset: May be asynchronous to CLKOUT.
De-assertion of Reset: Must be synchronous to CLKOUT unless
RESET is asserted longer than two periods of CLKOUT.
XCVRSELECT
Input
N/A
Transceiver Select. This signal selects between the FS and HS
transceivers:
0: HS transceiver enabled
1: FS transceiver enabled.
TERMSELECT
Input
N/A
Termination Select. This signal selects between the FS and HS
terminations:
0: HS termination enabled
1: FS termination enabled
SUSPENDN
Input
Low
Suspend. Places the transceiver in a mode that draws minimal
power from supplies. Shuts down all blocks not necessary for
Suspend/Resume operation. While suspended, TERMSELECT
must always be in FS mode to ensure that the 1.5k
 pull-up on
DP remains powered.
0: Transceiver circuitry drawing suspend current
1: Transceiver circuitry drawing normal current
CLKOUT
Output
Rising Edge
System Clock. This output is used for clocking receive and
transmit parallel data at 60MHz (8-bit mode) or 30MHz (16-bit
mode). When in 8-bit mode, this specification refers to CLKOUT
as CLK60. When in 16-bit mode, CLKOUT is referred to as
CLK30.
OPMODE[1:0]
Input
N/A
Operational Mode. These signals select between the various
operational modes:
[1]
[0]
Description
0
0
0: Normal Operation
0
1
1: Non-driving (all terminations removed)
1
0
2: Disable bit stuffing and NRZI encoding
1
1
3: Reserved
LINESTATE[1:0]
Output
N/A
Line State. These signals reflect the current state of the USB data
bus in FS mode, with [0] reflecting the state of DP and [1]
reflecting the state of DM. When the device is suspended or
resuming from a suspended state, the signals are combinatoria.
Otherwise, the signals are synchronized to CLKOUT.
[1]
[0]
Description
0
0
0: SE0
0
1
1: J State
1
0
2: K State
1
1
3: SE1
DATABUS16_8
Input
N/A
Databus Select. Selects between 8-bit and 16-bit data transfers.
0 8-bit data path enabled. VALIDH is undefined. CLKOUT =
60MHz.
1: 16-bit data path enabled. CLKOUT = 30MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com