Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LAN9220 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9220 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9220 Datasheet HTML 35Page - SMSC Corporation LAN9220 Datasheet HTML 36Page - SMSC Corporation LAN9220 Datasheet HTML 37Page - SMSC Corporation LAN9220 Datasheet HTML 38Page - SMSC Corporation LAN9220 Datasheet HTML 39Page - SMSC Corporation LAN9220 Datasheet HTML 40Page - SMSC Corporation LAN9220 Datasheet HTML 41Page - SMSC Corporation LAN9220 Datasheet HTML 42Page - SMSC Corporation LAN9220 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 151 page
background image
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
Datasheet
SMSC LAN9220
39
Revision 2.9 (03-01-12)
DATASHEET
If an operation is attempted, and an EEPROM device does not respond within 30mS, the LAN9220
will timeout, and the EPC timeout bit (EPC_TO) in the E2P_CMD register will be set.
Figure 3.10, "EEPROM Access Flow Diagram" illustrates the host accesses required to perform an
EEPROM Read or Write operation.
The host can disable the EEPROM interface through the GPIO_CFG register. When the interface is
disabled, the EEDIO and ECLK signals can be used as general-purpose outputs, or they may be used
to monitor internal MII signals.
3.9.2.1
Supported EEPROM Operations
The EEPROM controller supports the following EEPROM operations under host control via the
E2P_CMD register. The operations are commonly supported by “93C46” EEPROM devices. A
description and functional timing diagram is provided below for each operation. Please refer to the
E2P_CMD register description in Section 5.3.23, "E2P_CMD – EEPROM Command Register," on
page 102 for E2P_CMD field settings for each command.
Figure 3.10 EEPROM Access Flow Diagram
Idle
Write Data
Register
Write
Command
Register
Read
Command
Register
Busy Bit = 0
Idle
Write
Command
Register
Read
Command
Register
Read Data
Register
Busy Bit = 0
EEPROM Write
EEPROM Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com