Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3557 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3557
Description  Step-Up Converter for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3557 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3557 Datasheet HTML 1Page - National Semiconductor (TI) LM3557 Datasheet HTML 2Page - National Semiconductor (TI) LM3557 Datasheet HTML 3Page - National Semiconductor (TI) LM3557 Datasheet HTML 4Page - National Semiconductor (TI) LM3557 Datasheet HTML 5Page - National Semiconductor (TI) LM3557 Datasheet HTML 6Page - National Semiconductor (TI) LM3557 Datasheet HTML 7Page - National Semiconductor (TI) LM3557 Datasheet HTML 8Page - National Semiconductor (TI) LM3557 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin
−0.3V to +8V
En Pin
−0.3V to +8V
Fb Pin
−0.3V to +8V
Sw2 Pin
−0.3V to +8V
Ovp Pin
−0.3V to +30V
Sw1 Pin
−0.3V to +40V
Continuous Power Dissipation
Internally Limited
Maximum Junction Temperature
(T
J-MAX)
+150˚C
Storage Temperature Range
−65˚C to +150˚C
ESD Rating (Note 2)
Human Body Model
Machine Model
2kV
150V
Operating Conditions (Notes 1, 6)
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
−40˚C to +85˚C
Supply Voltage, V
IN Pin
2.7V to 7.5V
En Pin
0V to V
IN +0.4V
Thermal Properties (Notes 4, 7)
Junction-to-Ambient Thermal
55˚C/W
Resistance (
θ
JA), Leadless Leadframe Package
Electrical Characteristics (Notes 6, 8) Limits in standard typeface are for T
J = 25˚C. Limits in bold type-
face apply over the full operating junction temperature range (−40˚C
≤ T
J
≤ +125˚C). Unless otherwise specified: V
IN = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Input Voltage
2.7
7.5
V
I
Q
Quiescent Current
V
EN = 0V (Shutdown)
V
EN = 1.8V; VOVP = 27V
(Non-Switching)
0.01
0.55
2
0.8
µA
mA
En
Device Enable Threshold
Device On
Device Off
0.9
0.3
V
I
CL
Power Switch Current Limit
(Note 10)
V
IN =3V
0.4
0.55
0.8
0.8
1.1
1.02
A
R
DS(ON)
Power Switch ON Resistance
I
Sw1 = 175 mA
800
1000
m
Ω
TC
(R
DS(ON))
R
DS(ON) Temperature
Coefficient
0.5
%/C
OVP
Over-Voltage Protection (Note
5)
On Threshold
Off Threshold
22
21.5
26
25.5
28.5
28
V
UVP
Under-Voltage Protection (Note
5)
On Threshold
Off Threshold
2.2
2.3
V
I
OVP
Over-Voltage Protection Pin
Bias Current (Note 3)
4
10
µA
I
EN
Enable Pin Bias Current (Note
3)
V
EN = 1.8V
0.8
3
µA
F
S
Switching Frequency
V
IN =3V
0.9
1.25
1.6
MHz
V
Fb-Sw2
Feedback Pin Voltage (Note 9)
0.459
0.51
0.561
V
I
Fb
Feedback Pin Bias Current
(Note 3)
0.03
2
µA
D
MAX
Maximum Duty Cycle
V
IN =3V
85
90
%
I
LSw1
Sw1 Pin Leakage Current (Note
3)
V
Sw1 = 3.6V, Not Switching
0.002
2
µA
I
LSw2
Sw2 Pin Leakage Current (Note
3)
V
Sw2 = 3.6V, Not Switching
0.001
1
µA
I
LOVP
Ovp Pin Leakage Current (Note
3)
V
Ovp = 3.6V, Not Switching
2nA
R
Sw2
Sw2 Pin Switch Resistance
I
Sw2 =50mA
8
10
Ω
TC(R
Sw2)RSw2 Temperature Coefficient
0.5
%/C
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not apply when
operating the device outside of its rated operating conditions.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com