Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EM48AM1684VTH Datasheet(PDF) 1 Page - Eorex Corporation

Part # EM48AM1684VTH
Description  Fully Synchronous to Positive Clock Edge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1684VTH Datasheet(HTML) 1 Page - Eorex Corporation

  EM48AM1684VTH Datasheet HTML 1Page - Eorex Corporation EM48AM1684VTH Datasheet HTML 2Page - Eorex Corporation EM48AM1684VTH Datasheet HTML 3Page - Eorex Corporation EM48AM1684VTH Datasheet HTML 4Page - Eorex Corporation EM48AM1684VTH Datasheet HTML 5Page - Eorex Corporation EM48AM1684VTH Datasheet HTML 6Page - Eorex Corporation EM48AM1684VTH Datasheet HTML 7Page - Eorex Corporation EM48AM1684VTH Datasheet HTML 8Page - Eorex Corporation EM48AM1684VTH Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
eorex
EM48AM1684VTH
May. 2013
www.eorex.com
1/17
256Mb (4M
××××4Bank××××16) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• Single 3.3V
±0.3V Power Supply
• LVTTL Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• All Inputs are Sampled at the Rising Edge of
the System Clock
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms (7.8us)
Description
The EM48AM1684VTH is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
4Meg words x 4 banks by 16 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 256Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 3.3V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVTTL.
Available packages: TSOPII 54P 400mil.
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM48AM1684VTH-6
16M X 16
166MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM48AM1684VTH-7
16M X 16
143MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM48AM1684VTH-75
16M X 16
133MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM48AM1684VTH-6E
16M X 16
166MHz @CL3
54pin TSOP(ll)
Extended
Free
EM48AM1684VTH-7E
16M X 16
143MHz @CL3
54pin TSOP(ll)
Extended
Free
EM48AM1684VTH-75E
16M X 16
133MHz @CL3
54pin TSOP(ll)
Extended
Free


Similar Part No. - EM48AM1684VTH

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTH EOREX-EM48AM1684VTH_15 Datasheet
200Kb / 17P
Synchronous DRAM
More results

Similar Description - EM48AM1684VTH

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS211 XILINX-DS211 Datasheet
218Kb / 7P
Fully synchronous design using a single clock
logo
Eorex Corporation
EM488M1644VTG EOREX-EM488M1644VTG Datasheet
1Mb / 18P
Fully Synchronous to positive clock edge
EM488M3244VBD EOREX-EM488M3244VBD Datasheet
1Mb / 18P
Fully Synchronous to Positive Clock Edge
logo
Alliance Semiconductor ...
2GB-DDR3L-AS4C128M16D3L ALSC-2GB-DDR3L-AS4C128M16D3L Datasheet
2Mb / 84P
Fully synchronous operation
4GB-DDR3L-AS4C512M8D3L ALSC-4GB-DDR3L-AS4C512M8D3L Datasheet
3Mb / 86P
Fully synchronous operation
AS4C4M16SA-AUTOMOTIVE ALSC-AS4C4M16SA-AUTOMOTIVE Datasheet
1Mb / 54P
Fully synchronous operation
AS4C32M16D2A-25BIN ALSC-AS4C32M16D2A-25BIN Datasheet
2Mb / 61P
Fully synchronous operation
AS4C64M8D2 ALSC-AS4C64M8D2 Datasheet
1Mb / 59P
Fully synchronous operation
AS4C64M16D2-25BAN ALSC-AS4C64M16D2-25BAN Datasheet
2Mb / 59P
Fully synchronous operation
AS4C256M16D3A-12BAN ALSC-AS4C256M16D3A-12BAN Datasheet
1Mb / 83P
Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com