Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UDZ5830HR2 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # UDZ5830HR2
Description  UDZ Series AC Power Zener
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

UDZ5830HR2 Datasheet(HTML) 1 Page - American Microsemiconductor

  UDZ5830HR2 Datasheet HTML 1Page - American Microsemiconductor UDZ5830HR2 Datasheet HTML 2Page - American Microsemiconductor UDZ5830HR2 Datasheet HTML 3Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UDZ Series AC Power Zener
1, 3, and 5 Watt Zener Diodes
© 2014 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 3
Revised 06/2013
MAXIMUM RATINGS
MECHANICAL SPECIFICATIONS
ELECTRICAL CHARACTERISTICS @ 25°C
ABSTRACT
Devices consist of two fused-in-glass zeners
brazed cathode to cathode to provide zener
action in both directions.
High Surge Ratings, Small Physical Size,
7.5 to 60 Volt


Similar Part No. - UDZ5830HR2

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
UDZ5833HR2 AMMSEMI-UDZ5833HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ5836HR2 AMMSEMI-UDZ5836HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
More results

Similar Description - UDZ5830HR2

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
UDZ810HR2 AMMSEMI-UDZ810HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ815HR2 AMMSEMI-UDZ815HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ818HR2 AMMSEMI-UDZ818HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ824HR2 AMMSEMI-UDZ824HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ5810HR2 AMMSEMI-UDZ5810HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ5815HR2 AMMSEMI-UDZ5815HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ5836HR2 AMMSEMI-UDZ5836HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ5840HR2 AMMSEMI-UDZ5840HR2 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ8824 AMMSEMI-UDZ8824 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
UDZ8860 AMMSEMI-UDZ8860 Datasheet
827Kb / 3P
UDZ Series AC Power Zener
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com