Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AV60C Datasheet(PDF) 1 Page - Astec America, Inc

Part # AV60C
Description  Low output ripple and noise
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AV60C Datasheet(HTML) 1 Page - Astec America, Inc

  AV60C Datasheet HTML 1Page - Astec America, Inc AV60C Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
34
50-150 Watts
AV60C
• Industry standard pin-out &
performance 100°C baseplate
temperature (no derating)
• Positive and negative enable function
• Low output ripple and noise
• Remote sense compensation
• Fixed frequency switching (300 kHz)
Operating case temperature range:
-40°C to +100°C
Storage temperature: -55°C to +125°C
MTBF: >2 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
83%@5V
Output
Load regulation
0.2% max
Line regulation
0.5% max
Ripple and noise
150mV max (5V)
250mV max (15V)
Output voltage
adjust range
±10% of nominal output
Transient Response
(15V)1% max deviation with
50% to 75% full load
200 µS (max) recovery
(5V)5% max deviation with
50% to 75% full load
250 µS (max) recovery
Control
Voltage Adjust
90 to 110%
Enable
TTL compatible
(positive & negative enable options)
UL
UL1950
CSA
CSA22.2-950
TUV
EN60950
Environmental
Total Power:
50-150 Watts
Input Voltages:
48V
No. of Outputs:
Single
Safety
W9959_02_DCDC_001-073_73
2/8/02
3:32 PM
Page 34


Similar Part No. - AV60C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AV60C EMERSON-NETWORKPOWER-AV60C Datasheet
301Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AV60C-048L-033F10 ASTEC-AV60C-048L-033F10 Datasheet
301Kb / 2P
50-150 Watts
logo
Emerson Network Power
AV60C-048L-033F10 EMERSON-NETWORKPOWER-AV60C-048L-033F10 Datasheet
301Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AV60C-048L-033F15 ASTEC-AV60C-048L-033F15 Datasheet
301Kb / 2P
50-150 Watts
logo
Emerson Network Power
AV60C-048L-033F15 EMERSON-NETWORKPOWER-AV60C-048L-033F15 Datasheet
301Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
More results

Similar Description - AV60C

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
Low noise and ripple
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
Low Ripple and Noise
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
Regulated Output and Low Ripple and Low Noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
Low ripple and noise
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
Low ripple and noise
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
Low ripple and noise
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
Low ripple and noise
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
Low Ripple and Noise
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
Low Ripple and Noise
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com