Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSM Datasheet(PDF) 1 Page - API Technologies Corp

Part # PSM
Description  Surface Mount Low Pass Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

PSM Datasheet(HTML) 1 Page - API Technologies Corp

  PSM Datasheet HTML 1Page - API Technologies Corp PSM Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Surface Mount Low Pass Filters
PSM Series
.120
(3.00)
Sq. (both ends)
.025
(0.63) Ref.
.070
(1.75)
(4x both ends)
Middle
terminal
.026
(0.66)
.
057
(1.46)
.120
(3.00)
.026
(0.66)
.010
(0.25)
.315
(8.00) Max.
.235
(6.00)
Tolerances: ± .010
(.254)
Dimensions in inches
(mm)
Feed-Through Insertion Loss
Typical SMT Applications
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
3000
* See note
0.01 uF
4000 pf
2500 pf
1500 pf
1000 pf
820 pf
470 pf
130 pf
100 pf
68 pf
Shielded or Partition Applications
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
3000
* See note
0.01 uF
4000 pf
2500 pf
1500 pf
1000 pf
820 pf
470 pf
130 pf
100 pf
68 pf
Voltage Rating DC . . . . . . . 200 VDC @ - 55°C to +125°C
DWV . . . . . . . . . . . . . . . . . 700 VDC
Current
Rating . . . . . . . . . . . . . . . . 20 Amps (Feed-through) max.
. . . . . . . . . . . . . . . . . .
10 Amps (Pi) max.
Insulation
Resistance. . . . . . . . . . . . . . 1.0 GΩ @ 25°C
Dissipation
Factor. . . . . . . . . . . . . . . . . 4.0% maximum
D.C.R. . . . . . . . . . . . . . . . . Max. .0005Ω, typ. .0002Ω
PSM
Output
Input
Ground
Output
Input
Ground
Pi
Feed-Through
* Capacitance values for insertion loss curves are displayed left to right
in the order shown.
Pi Insertion Loss
3000
Typical SMT Applications
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
90
100
* See note
4000 pf
2500 pf
1500 pf
1000 pf
820 pf
470 pf
130 pf
100 pf
68 pf
3000
Shielded or Partition Applications
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
90
100
* See note
4000 pf
2500 pf
1500 pf
1000 pf
820 pf
470 pf
135 pf
100 pf
68 pf
PSM
SM14
* AC rated parts available. Please consult factory.


Similar Part No. - PSM

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM WALL-PSM Datasheet
137Kb / 2P
Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
TT Electronics.
PSM TTELEC-PSM Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
PSM TTELEC-PSM Datasheet
377Kb / 3P
Miniature Slide Potentiometer
12/2021
logo
YAGEO Corporation
PSM YAGEO-PSM Datasheet
1Mb / 7P
Fiberglass Cement Resistors
Aug. 31, 2023 V.1
logo
Fujikura Ltd.
PSM-001KPDW FUJIKURA-PSM-001KPDW Datasheet
308Kb / 2P
Pressure sensor module/Gauge,Differential
More results

Similar Description - PSM

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
PSM4-402Z-20T0 APITECH-PSM4-402Z-20T0 Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
SSM1-101Z-05T1 APITECH-SSM1-101Z-05T1 Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
SSM1F-101Z-10T1 APITECH-SSM1F-101Z-10T1 Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com