Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950202 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS950202
Description  Programmable Timing Control HubTM for P4TM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950202 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS950202 Datasheet HTML 3Page - Integrated Circuit Systems ICS950202 Datasheet HTML 4Page - Integrated Circuit Systems ICS950202 Datasheet HTML 5Page - Integrated Circuit Systems ICS950202 Datasheet HTML 6Page - Integrated Circuit Systems ICS950202 Datasheet HTML 7Page - Integrated Circuit Systems ICS950202 Datasheet HTML 8Page - Integrated Circuit Systems ICS950202 Datasheet HTML 9Page - Integrated Circuit Systems ICS950202 Datasheet HTML 10Page - Integrated Circuit Systems ICS950202 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS950202
0461L—05/28/03
Byte 7: Revision ID and Device ID Register
Byte 8: Byte Count Read Back Register
Byte 5: Programming Edge Rate
(1 = enable, 0 = disable)
Byte 6: Vendor ID Register
(1 = enable, 0 = disable)
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B7
e
t
y
B0
w
o
h
d
n
a
t
n
u
o
c
e
t
y
b
e
r
u
g
i
f
n
o
c
ll
i
w
r
e
t
s
i
g
e
r
s
i
h
t
o
t
g
n
i
t
i
r
W
:
e
t
o
N
s
i
t
l
u
a
f
e
d
,
k
c
a
b
d
a
e
r
e
b
ll
i
w
s
e
t
y
b
y
n
a
mF
0 H
.
s
e
t
y
b
5
1
=
6
t
i
B6
e
t
y
B0
5
t
i
B5
e
t
y
B0
4
t
i
B4
e
t
y
B0
3
t
i
B3
e
t
y
B1
2
t
i
B2
e
t
y
B1
1
t
i
B1
e
t
y
B1
0
t
i
B0
e
t
y
B1
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
0
)
d
e
v
r
e
s
e
R
(
6
t
i
BX
0
)
d
e
v
r
e
s
e
R
(
5
t
i
BX
0
)
d
e
v
r
e
s
e
R
(
4
t
i
BX
0
)
d
e
v
r
e
s
e
R
(
3
t
i
BX
0
)
d
e
v
r
e
s
e
R
(
2
t
i
BX
0
)
d
e
v
r
e
s
e
R
(
1
t
i
BX
0
)
d
e
v
r
e
s
e
R
(
0
t
i
BX
0
)
d
e
v
r
e
s
e
R
(
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B7
D
I
e
c
i
v
e
D0
e
c
i
v
e
d
l
a
u
d
i
v
i
d
n
i
n
o
d
e
s
a
b
e
b
ll
i
w
s
e
u
l
a
v
D
I
e
c
i
v
e
D
.
e
s
a
c
s
i
h
t
n
i
"
H
2
2
"
6
t
i
B6
D
I
e
c
i
v
e
D0
5
t
i
B5
D
I
e
c
i
v
e
D1
4
t
i
B4
D
I
e
c
i
v
e
D0
3
t
i
B3
D
I
e
c
i
v
e
D0
2
t
i
B2
D
I
e
c
i
v
e
D0
1
t
i
B1
D
I
e
c
i
v
e
D1
0
t
i
B0
D
I
e
c
i
v
e
D0
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B3
t
i
B
D
I
n
o
i
s
i
v
e
RX
n
o
i
s
i
v
e
r
s
'
e
c
i
v
e
d
l
a
u
d
i
v
i
d
n
i
n
o
d
e
s
a
b
e
b
ll
i
w
s
e
u
l
a
v
D
I
n
o
i
s
i
v
e
R
6
t
i
B2
t
i
B
D
I
n
o
i
s
i
v
e
RX
5
t
i
B1
t
i
B
D
I
n
o
i
s
i
v
e
RX
4
t
i
B0
t
i
B
D
I
n
o
i
s
i
v
e
RX
3
t
i
B3
t
i
B
D
I
r
o
d
n
e
V0
)
d
e
v
r
e
s
e
R
(
2
t
i
B2
t
i
B
D
I
r
o
d
n
e
V0
)
d
e
v
r
e
s
e
R
(
1
t
i
B1
t
i
B
D
I
r
o
d
n
e
V0
)
d
e
v
r
e
s
e
R
(
0
t
i
B0
t
i
B
D
I
r
o
d
n
e
V1
)
d
e
v
r
e
s
e
R
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com