Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

4LPW Datasheet(PDF) 1 Page - TT Electronics.

Part # 4LPW
Description  3 watts to 15 watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4LPW Datasheet(HTML) 1 Page - TT Electronics.

  4LPW Datasheet HTML 1Page - TT Electronics. 4LPW Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Four-Terminal Current-Sensing
Wirewound Resistor
4LPW Series
TC = ±40ppm/°C
3 watts to 15 watts
0.005 ohm to 1.0 ohm
±1%, ±2, ±3, ±5, ±10% tolerance
Flameproof construction
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Four-Terminal Current-Sensing
Wirewound Resistor
Electrical Data
4LPW Series
• TC = ±40ppm/°C
• 3 watts to 15 watts
• 0.005 ohm to 1.0 ohm
• ±1%, ±2, ±3, ±5, ±10% tolerance
IRC
Type
Power @ 25°C
(watts)
Max. Current
(amps)
Resistance Range
(ohms)
4LPW-3
3
10
.005 TO 1.0
4LPW-5
4LPW-7
5
7
10
20
.005 TO 1.0
.01 TO 1.0
4LPW-10
4LPW-15
10
15
20
20
.01 TO 1.0
.01 TO 1.0
Please note: When ordering the alternate configuration please add an "A" after the part number. (4LPW-3A)
Standard Configuration
Alternate Configuration
Dimensions (Inches (mm))
IRC
Type
L
±.063 (1.6)
W
±.03 (.8)
H
±.03 (.8)
S
±.062 (1.6)
D
Diameter
E
±.03 (.8)
4LPW-3
.88 (22.4)
.31 (7.87)
.31 (7.87)
.563 (14.3)
.036* (.9)
.38 (9.65)
4LPW-5
.88 (22.4)
.38 (9.65)
.35 (8.89)
.563 (14.3)
.036* (.9)
.41 (10.4)
4LPW-7
1.39 (35.3)
.38 (9.65)
.35 (8.89)
1.013 (25.7)
.036* (.9)
.47 (11.9)
4LPW-10
1.88 (47.8)
.38 (9.65)
.35 (8.89)
1.388 (35.3)
.036* (.9)
.47 (11.9)
4LPW-15
1.88 (47.8)
.50 (12.7)
.50 (12.7)
1.388 (35.3)
.036* (.9)
.63 (16.0)
Type
4LPW
L
D
1.50 ± .062
(38.1 ± 1.6)
S
D
1.0 (25.4)
Min.
1/8
” Max.
W
H
E
Type
4LPW-A
�Current� Leads
�Sense� Leads
All welded terminations,
ceramic fireproof housing
4LPW Series Issue October 2008 Sheet 1 of 2
“Current”
Leads
“Sense” Leads
All welded terminations,
ceramic fireproof housing
Make Possible
Resistors
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
06.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - 4LPW

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
4LPW IRCTT-4LPW Datasheet
343Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Welwyn Components Limit...
4LPW-10 WELWYN-4LPW-10 Datasheet
282Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
TT Electronics.
4LPW-10 TTELEC-4LPW-10 Datasheet
511Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Welwyn Components Limit...
4LPW-15 WELWYN-4LPW-15 Datasheet
282Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
TT Electronics.
4LPW-15 TTELEC-4LPW-15 Datasheet
511Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
More results

Similar Description - 4LPW

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
15 Watts
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
15 Watts
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
15/20 Watts
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
POWER 15 Watts
logo
XP Power Limited
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
15 Watts JTH Series
logo
TT Electronics.
LPW TTELEC-LPW Datasheet
155Kb / 2P
3 watts to 15 watts
PLO TTELEC-PLO Datasheet
374Kb / 2P
3 watts to 15 watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com