Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2633 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2633 Datasheet HTML 6Page - National Semiconductor (TI) LM2633 Datasheet HTML 7Page - National Semiconductor (TI) LM2633 Datasheet HTML 8Page - National Semiconductor (TI) LM2633 Datasheet HTML 9Page - National Semiconductor (TI) LM2633 Datasheet HTML 10Page - National Semiconductor (TI) LM2633 Datasheet HTML 11Page - National Semiconductor (TI) LM2633 Datasheet HTML 12Page - National Semiconductor (TI) LM2633 Datasheet HTML 13Page - National Semiconductor (TI) LM2633 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Electrical Characteristics (Continued)
V
CC = +15V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA
=T
J = +25˚C. Limits appearing in boldface type apply over 0˚C to +125˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Gate Drive (For Channel 2 Switching Regulator Controller)
I
boot2
CBOOT Leakage
Current
V
CBOOT2 =7V
100
nA
HDRV2 Source Current
V
HDRV2 =VSW2 =0V, VCBOOT2 = 5V
tbd
A
HDRV2 Sink Current
V
HDRV2 = 5V
tbd
A
LDRV2 Source Current
V
LDRV2 = 0V
tbd
A
LDRV2 Sink Current
V
LDRV2 = 5V
tbd
A
HDRV2 FET
On-Resistance
tbd
Ω
LDRV2 FET
On-Resistance
tbd
Ω
Oscillator
F
osc
Oscillator Frequency
225
250
275
kHz
T
off_min
Minimum Off-Time
400
ns
T
on_min
Minimum On-Time
220
ns
Error Amplifier
I
fb1
Feedback Input Bias
Current, Channel 1
V
FB1 = 2.4V
55
µA
I
fb2
Feedback Input Bias
Current, Channel 2
V
FB2 = 1.36V
18
nA
I
fb3
Feedback Input Bias
Current, Channel 3
V
FB3 = 1.36V
70
nA
I
comp1,
I
comp2
COMP Output Sink
Current
V
FB1 = 150% of measured 1.4V DAC,
V
FB2 = 150% of measured bandgap,
V
COMP1 =VCOMP2 =1V
60
µA
V
comp_max
COMP Pin Maximum
Voltage
tbd
1.96
V
Gm
Transconductance
576
µmho
DAC Output and V
FB2
∆V
dac
Channel 1 DAC Output
Voltage Accuracy
VCOMP1 = 1V, DAC codes from 1.3V
to 1.6V
−1.5
1.5
%
VCOMP1 = 1V, DAC codes from
0.925V to 1.25V and from 1.65V to
2.00V
−1.7
1.7
V
fb2
Channel 2 DC Output
Voltage Accuracy
COMP2 pin from 0.5V to 1.8V
1.217
1.238
1.259
V
Linear Regulator Controller
V
fb3
Channel 3 DC Output
Voltage Accuracy
1.215
1.24
1.265
V
V
g3_sk
G3 Sink Current
20
µA
I
g3_sc
G3 Minimum Source
Current
20
mA
V
g3_max
G3 Maximum Voltage
3.6
V
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com