Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HVC Datasheet(PDF) 1 Page - TT Electronics.

Part # HVC
Description  Robust thick film construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HVC Datasheet(HTML) 1 Page - TT Electronics.

  HVC Datasheet HTML 1Page - TT Electronics. HVC Datasheet HTML 2Page - TT Electronics. HVC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Voltage
Chip Resistors
HVC Series
Continuousvoltagesupto3kV
Overloadvoltagesupto4kV
Valuesupto1G0
Tolerancesto±0.5%
TCRto±50ppm/°C
Robustthickfilmconstruction
Anti-sulphurversionavailable
1206
2010
2512
Notes
1
5
.
0
3
.
0
s
t
t
a
W
C
°
0
7
@
g
n
it
a
r
r
e
w
o
P
0
0
0
3
0
0
0
2
0
0
0
1
s
tl
o
V
e
g
a
tl
o
v
t
n
e
m
e
l
e
g
n
it
i
m
i
L
DC or AC peak
0
0
0
4
0
0
0
3
0
0
5
1
s
tl
o
V
)
s
2
(
e
g
a
tl
o
v
d
a
o
lr
e
v
O
1G0
o
t
K
0
1
s
m
h
O
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
Consult factory for
out of range values
0
1
,
5
,
2
,
1
,
5
.
0
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
See table of
value ranges
50, 100
C
°
/
m
p
p
R
C
T
5
5
1
+
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
Values
E24 & E96 preferred
Any value to order
0
7
0
8
0
0
2
W
/
C
°
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
High Voltage
Chip Resistors
HVC Series
Continuous voltages up to 3kV
Overload voltages up to 4kV
Values up to 100M
Tolerances to ±0.5%
Robust thick film construction
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
01.11
A subsidiary of
TT electronics plc
Welwyn Components
84
Value Ranges (Ohms)
Dimensions (mm) & Weight (g)
L
W
T
A
B
C
Wt.
1206
3.2±0.2
1.6±0.2
0.6±0.1
0.35±0.2
1.95 min
0.35±0.2
0.010
2010
5.1±0.2
2.5±0.2
0.7±0.1
0.45±0.2
3.70 min
0.4±0.25
0.035
2512
6.5±0.2
3.2±0.2
0.7±0.1
0.45±0.2
5.00 min
0.4±0.2
0.055
Physical Data
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
C
Size
TCR (ppm/ºC)
Tolerance (%)
0.5
1 & 2
5 & 10
1206
50
-
10K to 10M
10K to 100M
100
10K to 2M
10K to 1G0
2010 & 2512
50
-
10K to 100M
10K to 100M
100
10K to 10M
10K to 1G0
1206
2010
2512
Notes
1
5
.
0
3
.
0
s
t
t
a
W
C
°
0
7
@
g
n
it
a
r
r
e
w
o
P
0
0
0
3
0
0
0
2
0
0
0
1
s
tl
o
V
e
g
a
tl
o
v
t
n
e
m
e
l
e
g
n
it
i
m
i
L
DC or AC peak
0
0
0
4
0
0
0
3
0
0
5
1
s
tl
o
V
)
s
2
(
e
g
a
tl
o
v
d
a
o
lr
e
v
O
1G0
o
t
K
0
1
s
m
h
O
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
Consult factory for
out of range values
0
1
,
5
,
2
,
1
,
5
.
0
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
See table of
value ranges
50, 100
C
°
/
m
p
p
R
C
T
5
5
1
+
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
Values
E24 & E96 preferred
Any value to order
0
7
0
8
0
0
2
W
/
C
°
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
High Voltage
Chip Resistors
HVC Series
Continuous voltages up to 3kV
Overload voltages up to 4kV
Values up to 100M
Tolerances to ±0.5%
Robust thick film construction
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
01.11
A subsidiary of
TT electronics plc
Welwyn Components
84
Value Ranges (Ohms)
Dimensions (mm) & Weight (g)
L
W
T
A
B
C
Wt.
1206
3.2±0.2
1.6±0.2
0.6±0.1
0.35±0.2
1.95 min
0.35±0.2
0.010
2010
5.1±0.2
2.5±0.2
0.7±0.1
0.45±0.2
3.70 min
0.4±0.25
0.035
2512
6.5±0.2
3.2±0.2
0.7±0.1
0.45±0.2
5.00 min
0.4±0.2
0.055
Physical Data
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
C
Size
TCR (ppm/ºC)
Tolerance (%)
0.5
1 & 2
5 & 10
1206
50
-
10K to 10M
10K to 100M
100
10K to 2M
10K to 1G0
2010 & 2512
50
-
10K to 100M
10K to 100M
100
10K to 10M
10K to 1G0
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - HVC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
HVC JIANGHAI-HVC Datasheet
456Kb / 2P
PC SMD 105째C Very Low ESR High Ripple Current 2.000h Lifetime(Polymer SMD)
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
High Voltage Chip Resistors
logo
HolyStone International
HVC HOLYSTONECAPS-HVC Datasheet
387Kb / 4P
High Voltage NP0 and X7R Capacitors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
POWER FILM CAPACITORS
logo
Ohmite Mfg. Co.
HVC OHMITE-HVC Datasheet
330Kb / 2P
Precision High-Value High-voltage Wraparound Chip
More results

Similar Description - HVC

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10 ROHM-MCR10 Datasheet
98Kb / 5P
Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
62Kb / 5P
Thick film rectangular
KD3003-DC70A ROHM-KD3003-DC70A Datasheet
61Kb / 4P
Thick film thermal printhead Thick film thermal printhead
MCR01 ROHM-MCR01_1 Datasheet
81Kb / 6P
Thick film rectangular
MCR10 ROHM-MCR10_1 Datasheet
83Kb / 6P
Thick film rectangular
MCR18 ROHM-MCR18_1 Datasheet
85Kb / 6P
Thick film rectangular
logo
List of Unclassifed Man...
L101S221LF ETC2-L101S221LF Datasheet
169Kb / 5P
Thick Film
logo
CTS Corporation
73WL CTS-73WL Datasheet
222Kb / 4P
Thick Film Construction ??Wide Terminal Configuration
logo
American Electronic Com...
HHC71F AEC-HHC71F Datasheet
479Kb / 3P
Robust construction
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
Thick Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com