Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC3 Datasheet(PDF) 1 Page - TT Electronics.

Part # SC3
Description  3 watts in a 1 watt size package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC3 Datasheet(HTML) 1 Page - TT Electronics.

  SC3 Datasheet HTML 1Page - TT Electronics. SC3 Datasheet HTML 2Page - TT Electronics. SC3 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Power Chip Resistors
SC3 Series
3wattsina1wattsizepackage
Resistancerangefrom1R0to10K
Tolerancesto±1%
AEC-Q200Qualified
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70 ˚ C
3 watts
1R0 to 10K
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
V
100
V
E
L
Ambient temp range
-55 to +150˚C
%
5
,
2
,
1
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
TCR
±100ppm/˚C
Termination
Leach-resistant solder-plated
copper wrap-around
Pad & trace area for maximum
power rating
300mm 2
High Power
Chip Resistors
SC3 Series
3 Watts in a 1 Watt size package*
Resistance range from 1R0 to 10K
Tolerances
AEC-Q200 Qualied
to ±1%
* Rated Power @ 70˚C
General Note
Welwyn Components reserves the right to make changes in product specication without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© W elwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
Issue A · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51 ± 0.13m m
6.35 ± 0.13m m
3.18 ± 0.13m m
0.762
± 0.127m m
thickness
Plating
wrap-around
0.81 ± 0.31mm
2.29
± 0.13m m
7.6m m
2mm
1mm
Physical Data
100
80
60
40
20
0
25 ˚
70
˚
150
˚
T emperature in ˚C
To p
Bottom
(Board Side)
Recommended
Solder Pad Layout
04.10
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70 ˚ C
3 watts
1R0 to 10K
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
V
100
V
E
L
Ambient temp range
-55 to +150˚C
%
5
,
2
,
1
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
TCR
±100ppm/˚C
Termination
Leach-resistant solder-plated
copper wrap-around
Pad & trace area for maximum
power rating
300mm 2
High Power
Chip Resistors
SC3 Series
3 Watts in a 1 Watt size package*
Resistance range from 1R0 to 10K
Tolerances
AEC-Q200 Qualied
to ±1%
* Rated Power @ 70˚C
General Note
Welwyn Components reserves the right to make changes in product specication without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© W elwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
Issue A · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51 ± 0.13m m
6.35 ± 0.13m m
3.18 ± 0.13m m
0.762
± 0.127m m
thickness
Plating
wrap-around
0.81 ± 0.31mm
2.29
± 0.13m m
7.6m m
2mm
1mm
Physical Data
100
80
60
40
20
0
25 ˚
70
˚
150
˚
T emperature in ˚C
To p
Bottom
(Board Side)
Recommended
Solder Pad Layout
04.10
Resistors
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - SC3

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
High Power Chip Resistors
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
1Mb / 3P
High Power Chip Resistors
logo
SHENZHEN FUMAN ELECTRON...
SC3 FUMAN-SC3 Datasheet
171Kb / 19P
16 PIN Remote Control IC
logo
TEKTRONIX, INC.
SC3 TEKTRONIX-SC3 Datasheet
2Mb / 36P
Mixed Domain Oscilloscopes
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
Sequencing Controls
2016 Rev: 1-A-062316
More results

Similar Description - SC3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4872 NSC-LM4872 Datasheet
425Kb / 14P
1 Watt Audio Power Amplifier in micro SMD package
logo
List of Unclassifed Man...
PMKC03 ETC1-PMKC03 Datasheet
124Kb / 3P
3 Watts of Output Power From a Package
logo
Emerson Network Power
BXA3 EMERSON-NETWORKPOWER-BXA3 Datasheet
237Kb / 4P
3 Watts in DIL Package
logo
Recom International Pow...
RKE-0505S-H RECOM-RKE-0505S-H Datasheet
256Kb / 4P
1 Watt SIP7 Package
RI3 RECOM-RI3 Datasheet
330Kb / 5P
3 Watt in a SIP4 Package
logo
Texas Instruments
TPS7A05 TI1-TPS7A05_19 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1905 TI1-TPS7A05_1905 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V01 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
logo
Lumileds Lighting Compa...
L1MC-RGB0035000MP0 LUMILEDS-L1MC-RGB0035000MP0 Datasheet
1Mb / 13P
RGB 3-in-1 versatile package
20190311
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com