Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P31 Datasheet(PDF) 1 Page - Tyco Electronics

Part # P31
Description  3 phase and single phase switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

P31 Datasheet(HTML) 1 Page - Tyco Electronics

  P31 Datasheet HTML 1Page - Tyco Electronics P31 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
826
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 1-06)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• 3 phase and single phase switching.
• Integral dual QC terminals.
• Class “B” coil insulation.
• Variety of main terminals.
• Applications include HVAC industrial control.
• Direct activated DC coils.
Contact Data @ 25°C
Main Contacts:
Arrangements: 3 Form X (3PST-NO-DM) and 4 Form X (4PST-NO-DM).
Ratings: See Main Contact Ratings Table.
Material: Silver-cadmium oxide.
Initial Breakdown Voltage: 2,200V rms minimum between all elements
and between all elements to ground.
Expected Life: 200,000 operations at motor load.
500,000 operations, mechanical.
Minimum Contact Data: 3A @ 120VAC.
Initial Dielectric Strength
Initial Breakdown Voltage: 2,200V rms minimum between all elements
and between all elements and ground.
Main Contact Ratings @ 25°C, 60 Hz. AC (Per Pole)
Coil Data @ 25°C
Voltage: 12 and 24V DC. See Coil Data table.
Power: 8W.
Duty Cycle: Continuous.
Insulation: Class B.
Initial Insulation Resistance: 100 megohms minimum.
Coil Data @ +25°C
*Applicable for vertical or horizontal mounting, but not for upside-down mounting.
Note: Coil suppression is recommended for all units.
Operate Data @ 25°C
Must-Operate Voltage: See Coil Data Table.
Environmental Data
Temperature Range: –55°C to +65°C.
Mechanical Data
Mounting: Universal mounting bracket. See Outline Drawings.
Termination:
Contacts: Dual .250” (6.35mm) quick connect with or without binder
head screw or box lug.
Coil: Dual .250” (6.35mm) quick connect.
Weight: 18 oz. (510g) approximately.
P31/P41 series
Definite Purpose
Magnetic Contactor
16 to 40 Amp Full Load
20 to 50 Amp Resistive
File E25575
File LR15734
P31C
150
25
125
25
100
25
35
P31E
240
40
200
40
160
40
50
P41B
120
20
100
20
80
20
25
P41C
150
25
125
25
100
25
35
@ 240VAC
@ 480VAC
@ 600VAC
LRA
FLA
LRA
FLA
LRA
FLA
RES
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
None at present.
P31
P41
DFO
12DC
21
9
571
DHO
24DC
84
18
286
DC
Nominal
Nominal
Resistance
Must
Coil
Code
Voltage
in Ohms
Operate
Current
±10%
Voltage
(mA)
Ordering Information
Typical Part No.
B
P41
C
47
D
HO
1
03
1. Type:
P31 = 3 Pole
P41 = 4 Pole
2. Contact Rating
C = 25 Amp E = 40 Amp (40A rating only offered on P31)
3. Contact Arrangement:
42 = 3 Form X (3PST-NO-DM)
47 = 4 Form X (4PST-NO-DM) P41 only
4. Coil Input:
D = Direct Current (Direct Operated)
5. Coil Voltage:
FO = 12VDC, with coil cover
HO = 24VDC, with coil cover
6. Coil Terminal Location And Marking (See Terminal Location and Marking Diagram):
1 = Dual .250” (6.35mm) quick connect
7. Contact Terminals (See Contact Terminal Options Diagram):
03 = Dual .250” (6.35mm) quick connect turned up per Figure 03 (25 amps, Max.)
05 = #10-32 binder head screw with dual .250” (6.35mm) quick connect per Figure 05
08 = Aluminum box lug (for #4-#14 copper wire) with dual .250” (6.35mm) quick connect per Figure 08
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - P31

ManufacturerPart #DatasheetDescription
logo
Semikron International
P31 SEMIKRON-P31 Datasheet
141Kb / 3P
For stud devices
P31 SEMIKRON-P31 Datasheet
147Kb / 3P
For stud devices
logo
Amphenol Wilcoxon Sensi...
P31 WILCOXON-P31 Datasheet
195Kb / 1P
Ultra low noise power unit/amplifier
Rev.J.1 09/18
logo
Semikron International
P31-120 SEMIKRON-P31-120 Datasheet
147Kb / 3P
For stud devices
P31-200 SEMIKRON-P31-200 Datasheet
147Kb / 3P
For stud devices
More results

Similar Description - P31

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBPC15005 CHENYI-KBPC15005 Datasheet
174Kb / 2P
SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
List of Unclassifed Man...
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
EUAC220 ETC2-EUAC220 Datasheet
133Kb / 2P
Current and Voltage Controls 3-Phase Sequence and Phase Loss
logo
Cirrus Logic
SA306 CIRRUS-SA306 Datasheet
885Kb / 14P
3 Phase Switching Amplifier
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
Single Phase & 3-Phase Blocking Filters
logo
Cirrus Logic
SA303 CIRRUS-SA303 Datasheet
772Kb / 14P
3 Phase Switching Amplifier
logo
Analog Devices
B482B-2T AD-B482B-2T Datasheet
722Kb / 4P
Single and Three Phase Circuits
logo
Crydom Inc.,
B485D-2 CRYDOM-B485D-2 Datasheet
732Kb / 4P
Single and Three Phase Circuits
B485F-2 CRYDOM-B485F-2 Datasheet
240Kb / 4P
Single and Three Phase Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com