Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPD Datasheet(PDF) 1 Page - TT Electronics.

Part # TPD
Description  One-Shot Non-Resettable Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TPD Datasheet(HTML) 1 Page - TT Electronics.

  TPD Datasheet HTML 1Page - TT Electronics. TPD Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TTelectronics plc
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TPD Series Issue May 2012
Operation Characteristics
• Fusing Temperature 235°C ± 15°C
• Continuous Operation 55A at 135°C
• One-Shot Non-Resettable Design
• High Temperature DAP (Diallyl Phthalate) Case
• Rugged Vibration Resistant Potted Construction
• RoHS Compliant
High Current
Thermal Fuse
Fusing Current
Characteristic
Value
Resistance at 25°C
≤ 0.700m
W
Functioning Temperature
235°C ± 15°C
Rated Current
55A
Operating Temperature at Rated Current
-40°C to 135°C
Max Operating Temperature (0A)
175°C
Lead Diameter
1.3mm (0.050”)
Lead Spacing
15.2mm (0.600”)
TPD Series
0
10
20
30
40
50
60
70
80
90
100
110
120
130
120 130 140 150 160 170 180 190 200 210 220 230 240 250
Pin Temperature (°C)
CONTINUOUS
OPERATION ZONE
FUSE ACTIVATION
ZONE
Short Term
Operation Limit
(24hrs Max)
High Current
Thermal Fuse
TPD Series
Fusing Temperature 235°C ± 15°C
ContinuousOperation55Aat135°C
One-ShotNon-ResettableDesign
HighTemperatureDAPCase
RuggedVibrationResistantPottedConstruction
RoHSCompliant
Resistors
Make Possible
10.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
OBSOLETE


Similar Part No. - TPD

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPD TOPPOWER-TPD Datasheet
189Kb / 3P
1W Isolated Twin Output DC/DC Converters
TPD-2W TOPPOWER-TPD-2W Datasheet
684Kb / 3P
2W 3KVDC Isolated Twin Output DC/DC Converters
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
0.5W Isolated Twin Output DC/DC Converters
More results

Similar Description - TPD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9601 NSC-9601 Datasheet
147Kb / 6P
Retriggerable One Shot
logo
Fairchild Semiconductor
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
Programmable One-Shot Pulse Generator
logo
TEMIC Semiconductors
U490B TEMIC-U490B Datasheet
84Kb / 6P
One-Shot Phase Control
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Tyco Electronics
VTM4 MACOM-VTM4 Datasheet
216Kb / 1P
One Shot (Latching Interval) Timing Module
logo
Schurter Inc.
0034.1518 SCHURTER-0034.1518 Datasheet
1Mb / 1P
non resettable
logo
M-System Co.,Ltd.
38BSH2 MSYSTEM-38BSH2 Datasheet
58Kb / 2P
ONE-SHOT OUTPUT RELAY CARD
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
logo
MOSDESIGN SEMICONDUCTOR...
M1200A MOSDESIGN-M1200A Datasheet
145Kb / 2P
ON/OFF ONE SHOT
2012-01-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com