Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD554 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD554
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD554 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD554 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD554 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2SD554
DESCRIPTION
·
Contunuous Collector Current-IC= 2A
·
Power Dissipation-PD=30W @TC= 25℃
·
Collector-Emitter Saturation Voltage-
: VCE(sat)= 2.0 V(Max)@ IC = 1A
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for high-speed switching and linear amplifier appli-
cation for high-voltage operational amplifiers, switching regu-
lators, converters,deflection stages and high fidelity amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
250
V
VCEO
Collector-Emitter Voltage
250
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
2.0
A
ICM
Collector Current-Peak
5.0
A
IB
Base Current
1.0
A
PC
Collector Power Dissipation@TC=25℃
30
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-65~150


Similar Part No. - 2SD554

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD550 ISC-2SD550 Datasheet
268Kb / 2P
isc Silicon NPN Power Transistor
2SD551 ISC-2SD551 Datasheet
161Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD551 SAVANTIC-2SD551 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
List of Unclassifed Man...
2SD552 ETC1-2SD552 Datasheet
40Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD552 ISC-2SD552 Datasheet
153Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD554

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com