Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACTF9389 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9389
Description  Low-loss RF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9389 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9389 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9389 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9389 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9389 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9389 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Characteristic
Min.
Typ.
Max.
Unit
Center Frequency
fC
918.8
MHz
Insertion Loss
IL
@918.8MHz
--
5.0
6.0
dB
1dB Bandwidth
BW1
5
5.6
MHz
Passband
Ripple
Δα
916.3 MHz …. 921.3 MHz
--
0.5
1.0
dB
Absolute Attenuation
α
0.3 MHz …. 911.3 MHz
911.3 MHz
926.3 MHz
926.3 MHz ….928.8 MHz
928.8 MHz ….1500 MHz
40
40
20
20
40
45
45
25
25
45
--
--
--
--
--
dB
VSWR@918.8 MHz
1.3
2.0
Input / Output Impedance
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com