Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACTF9160 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9160
Description  RF Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9160 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9160 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9160 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9160 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9160 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9160 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9160 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
915
MHz
Insertion Loss
IL
914.0 …. 916.0 MHz
--
2.5
3.0
dB
Absolute Attenuation
±
0.3000….452.00 MHz
45
47
dB
452.00…. 806.00 MHz
40
44
dB
806.00 …. 849.00 MHz
40
43
dB
849.00…. 894.00 MHz
38
43
dB
894.00…. 896.00 MHz
40
48
dB
896.00…. 901.00 MHz
35
40
dB
901.00…. 902.00 MHz
30
38
dB
929.00….930.00 MHz
35
55
dB
930.00…. 932.00 MHz
40
55
dB
932.00….935.00 MHz
40
55
dB
935.00….1900.00 MHz
35
38
dB
Amplitude Ripple (p-p) 914.0 …. 916.0 MHz
”±
0.5
1.2
dB
Group Delay Variation
914.0 …. 916.0 MHz
20
60
ns
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 2 -



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com