Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GSC40E Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GSC40E
Description  CONSTANT CURRENT MODE OUTPUT(UP TO 277VAC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSC40E Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GSC40E Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSC40E Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSC40E Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GSC40E Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
40W Single Output LED Power Supply
GSC40E series
File Name:GSC40E-SPEC 2015-09-03
MODEL
GSC40E-1050
GSC40E-1400
GSC40E-700
GSC40E-500
GSC40E-350
RATED CURRENT
RATED POWER
OUTPUT
SETUP TIME
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(max.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
SHORT CIRCUIT
1050mA
1400mA
700mA
500mA
350mA
500ms / 230VAC 1000ms / 115VAC at full load
47 ~ 63Hz
PF>0.98/115VAC, PF>0.92/230VAC, PF>0.91/277VAC at full load (Please refer to "Power Factor Characteristic" curve)
<0.5mA / 240VAC
Hiccup mode, recovers automatically after fault condition is removed.
-30 ~ +50
(Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 2G 12min./1cycle, period for 72min. each along X, Y, Z axes
79*54*33mm (L*W*H)
RIPPLE & NOISE (max.) Note.2
ENVIRONMENT
SAFETY &
EMC
PROTECTION
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Please see "AC input voltage drop vs. output current characteristics" table.
4. Constant current operation region is within 50% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
VOLTAGE RANGE
90 ~ 277VAC
127 ~ 392VDC
NO LOAD OUTPUT VOLTAGE (max.)
Compliance to EN55015, EN61000-3-2 Class C
; EN61000-3-3
(
50% load)
Compliance to EN61000-4-2,3,4,5,6,8,11, EN61547, light industry level, criteria A
EMC IMMUNITY
EMC EMISSION
CURRENT ACCURACY Note.3
TOTAL HARMONIC DISTORTION Total harmonic distortion will be lower than 20% when output loading is 75% or higher
CONNECTOR
PLUG
CABLE
2.1
* 5.5
* 11mm, tuning fork type, center positive for stock
ψψ
See page 4
39.6W
39.2W
40.4W
40W
35W
3.8Vp-p
2.9Vp-p
5.8Vp-p
8Vp-p
11.6Vp-p
120V
100V
80V
55V
40V
0.7A/115VAC
0.35A/230VAC
0.25A/277VAC
40 ~ 80V
50 ~ 100V
19 ~ 38V
14 ~ 28V
29 ~ 58V
±8.0%
OPERATING VOLTAGE RANGE Note.4
Dekra GS/ENEC EN61347-1, EN61347-2-13 listed, EN62384 approved
358.9K hrs min.
MIL-HDBK-217F (25
)
275g ; 60pcs / 17.5kg / CARTON
87.5%
87%
88.5%
89.5%
89.5%
COLD START 17A(t
=110 s measured at 50% I
) at 230VAC
width
peak
μ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com