Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4865 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4865
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4865 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM4865 Datasheet HTML 1Page - National Semiconductor (TI) LM4865 Datasheet HTML 2Page - National Semiconductor (TI) LM4865 Datasheet HTML 3Page - National Semiconductor (TI) LM4865 Datasheet HTML 4Page - National Semiconductor (TI) LM4865 Datasheet HTML 5Page - National Semiconductor (TI) LM4865 Datasheet HTML 6Page - National Semiconductor (TI) LM4865 Datasheet HTML 7Page - National Semiconductor (TI) LM4865 Datasheet HTML 8Page - National Semiconductor (TI) LM4865 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Information (Continued)
Selection of Input Capacitor Size
Large input capacitors are both expensive and space hungry
for portable designs. Clearly, a certain sized capacitor is
needed to couple in low frequencies without severe attenua-
tion. But in many cases the speakers used in portable sys-
tems, whether internal or external, have little ability to repro-
duce signals below 150 Hz. In this case using a large input
capacitor may not increase system performance.
Besides minimizing the input capacitor size, careful consid-
eration should be paid to the bypass capacitor value. Bypass
capacitor, C
B, is the most critical compoment to minimize
turn-on pops since it determines how fast the LM4865 turns
on. The slower the LM4865’s outputs ramp to their quiescent
DC voltage (nominally 1/2 V
DD), the smaller the turn-on pop.
Choosing C
B equal to 1.0 µF along with a small value of Ci
(in the range of 0.1 µF to 0.39 µF), should produce a click-
less and popless shutdown function.Pick C
i as small as pos-
sible as to minimize clicks and pops.
Click And Pop Circuitry
The LM4865 contains circuitry to minimize turn-on and shut-
down transients or “clicks and pops”. In this case, turn-on re-
fers to either power supply turn-on or the device coming out
of shutdown mode. When the device is turning on, the ampli-
fiers are internally configured as unity gain buffers. An inter-
nal current source ramps up the voltage of the bypass pin.
Both the inputs and outputs ideally track the voltage at the
bypass pin. The device will remain in buffer mode until the
bypass pin has reached its half supply voltage, 1/2 V
DD.As
soon as the bypass node is stable, the device will become
fully operational, where the gain is set by the external volt-
age on the DC Vol/SD pin.
Although the bypass pin current source cannot be modified,
the size of C
B can be changed to alter the device turn-on
time and the amount of “clicks and pops”. By increasing the
value of C
B the amount of turn-on pop can be reduced. How-
ever, the tradeoff for using a larger bypass capacitor is an in-
crease in turn-on time for this device. There is a linear rela-
tionship between the size of C
B and the turn-on time. Here
are some typical turn-on times for a given C
B:
C
B
T
ON
0.01 µF
20 ms
0.1 µF
200 ms
0.22 µF
420 ms
0.47 µF
840 ms
1.0 µF
2 Sec
In order eliminate “clicks and pops”, all capacitors must be
discharged before turn-on. Rapid switching of VDD may
cause the
″clicks and pops″ to be not easily controlled. In a
single-ended configuration, the output coupling capacitor, C
O
, is of particular concern. This capacitor discharges through
internal 20 k
Ω resistors. Depending on the size of C
O, the
time constant can be relatively large. To reduce transients in
single-ended mode, an external 1 k
Ω–5 kΩ resistor can be
placed in parallel with the internal 20 k
Ω resistor. The
tradeoff for using this resistor is an increase in quiescent cur-
rent.
DS101025-34
FIGURE 2. Headphone Circuit
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com